Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJ-3YB1E474K Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # ECJ-3YB1E474K
Description  High Efficiency Serial LED Driver with 30V Integrated Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ECJ-3YB1E474K Datasheet(HTML) 1 Page - Fairchild Semiconductor

  ECJ-3YB1E474K Datasheet HTML 1Page - Fairchild Semiconductor ECJ-3YB1E474K Datasheet HTML 2Page - Fairchild Semiconductor ECJ-3YB1E474K Datasheet HTML 3Page - Fairchild Semiconductor ECJ-3YB1E474K Datasheet HTML 4Page - Fairchild Semiconductor ECJ-3YB1E474K Datasheet HTML 5Page - Fairchild Semiconductor ECJ-3YB1E474K Datasheet HTML 6Page - Fairchild Semiconductor ECJ-3YB1E474K Datasheet HTML 7Page - Fairchild Semiconductor ECJ-3YB1E474K Datasheet HTML 8Page - Fairchild Semiconductor ECJ-3YB1E474K Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
August 2005
FAN5330 Rev. 1.0.1
FAN5330
High Efficiency Serial LED Driver with 30V Integrated
Switch
Features
■ 1.5MHz Switching Frequency
■ Low Noise
■ Adjustable Output Voltage
■ 0.7W Output Power Capability
■ Low Shutdown Current: <1µA
■ Cycle-by-Cycle Current Limit
■ Low Feedback Voltage (110mV)
■ Over-Voltage Protection
■ Fixed-Frequency PWM Operation
■ Internal Compensation
■ Thermal Shutdown
■ 5-Lead SOT23 Package
Applications
■ Cell Phones
■ PDAs
■ Handheld Equipment
■ Display Bias
■ LED Bias
Description
The FAN5330 is an LED driver that features fixed frequency
mode operation and an integrated FET switch. This device is
designed to operate at high switching frequencies in order to
minimize switching noise measured at the battery terminal of
hand-held communications equipment. Quiescent current in
both normal and shutdown mode is designed to be minimal in
order to extend battery life. Normal or shutdown mode can be
selected by a logic level shutdown circuitry.
The low ON-resistance of the internal N-channel switch ensures
high efficiency and low power dissipation. A cycle-by-cycle cur-
rent limit circuit keeps the peak current of the switch below a
typical value of 1.5A. The FAN5330 is available in a 5-lead
SOT23 package.
Typical Application
Figure 1. Typical Application Diagram
SHDN
VIN
VOUT
R
GND
V
IN
FB
SW
CIN
6.8µH to 10µH
1
3
2
4
5
2.2
µF
COUT
L
BAT54
ILED
0.47
µF
ON
OFF


Similar Part No. - ECJ-3YB1E474K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ECJ-3YB1E474K IRF-ECJ-3YB1E474K Datasheet
355Kb / 16P
   High Power Factor/Low THD
More results

Similar Description - ECJ-3YB1E474K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5333A FAIRCHILD-FAN5333A Datasheet
538Kb / 11P
   High Efficiency, High Current Serial LED Driver with 30V Integrated Switch
FAN5332A FAIRCHILD-FAN5332A Datasheet
549Kb / 9P
   High Efficiency, High Current Serial LED Driver and OLED Supply with 30V Integrated Switch
FAN5331 FAIRCHILD-FAN5331_05 Datasheet
582Kb / 10P
   High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
   HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
logo
Shenzhen Huazhimei Semi...
HM5665A HMSEMI-HM5665A Datasheet
499Kb / 4P
   High Efficiency 1.2MHz 30V BOOST LED Driver
logo
SHANGHAI BELLING CO., L...
BL8040 BELLING-BL8040 Datasheet
537Kb / 4P
   High Efficiency 1.2MHz 30V Boost LED Driver
logo
Diodes Incorporated
AL8805 DIODES-AL8805 Datasheet
631Kb / 16P
   HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
DS35030 Rev. 1 - 2
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
ACE Technology Co., LTD...
ACE715C ACE-ACE715C Datasheet
580Kb / 6P
   High Efficiency 1.2MHz 30V Boost LED Driver
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com