Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJ-3YB1E474K Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # ECJ-3YB1E474K
Description  High Efficiency Serial LED Driver with 30V Integrated Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ECJ-3YB1E474K Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button ECJ-3YB1E474K Datasheet HTML 2Page - Fairchild Semiconductor ECJ-3YB1E474K Datasheet HTML 3Page - Fairchild Semiconductor ECJ-3YB1E474K Datasheet HTML 4Page - Fairchild Semiconductor ECJ-3YB1E474K Datasheet HTML 5Page - Fairchild Semiconductor ECJ-3YB1E474K Datasheet HTML 6Page - Fairchild Semiconductor ECJ-3YB1E474K Datasheet HTML 7Page - Fairchild Semiconductor ECJ-3YB1E474K Datasheet HTML 8Page - Fairchild Semiconductor ECJ-3YB1E474K Datasheet HTML 9Page - Fairchild Semiconductor ECJ-3YB1E474K Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.fairchildsemi.com
FAN5330 Rev. 1.0.1
Block Diagram
Figure 4. Block Diagram
Circuit Description
The FAN5330 is a pulse-width modulated (PWM) current-mode
boost converter. The FAN5330 improves the performance of bat-
tery powered equipment by significantly minimizing the spectral
distribution of noise at the input caused by the switching action of
the regulator. In order to facilitate effective noise filtering, the
switching frequency was chosen to be high, 1.5MHz. The device
architecture is that of a current mode controller with an internal
sense resistor connected in series with the N-channel switch.
The voltage at the feedback pin tracks the output voltage at the
cathode of the external Schottky diode (shown in the test cir-
cuit). The error amplifier amplifies the difference between the
feedback voltage and the internal bandgap reference. The
amplified error voltage serves as a reference voltage to the
PWM comparator. The inverting input of the PWM comparator
consists of the sum of two components: the amplified control
signal received from the 30m
Ω current sense resistor and the
ramp generator voltage derived from the oscillator. The oscilla-
tor sets the latch, and the latch turns on the FET switch. Under
normal operating conditions, the PWM comparator resets the
latch and turns off the FET, thus terminating the pulse. Since
the comparator input contains information about the output volt-
age and the control loop is arranged to form a negative feed-
back loop, the value of the peak inductor current will be adjusted
to maintain regulation.
Every time the latch is reset, the FET is turned off and the cur-
rent flow through the switch is terminated. The latch can be
reset by other events as well. Over-current condition is moni-
tored by the current limit comparator which resets the latch and
turns off the switch instantaneously within each clock cycle.
Over-Voltage Protection
The voltage on the feedback pin is sensed by an OVP Compar-
ator. When the feedback voltage is 15% higher than the nominal
voltage, the OVP Comparator stops switching of the power tran-
sistor, thus preventing the output voltage from going higher.
Open-circuit protection
As in any current regulator, if the feedback loop is open, the out-
put voltage increases until it is limited by some additional exter-
nal circuitry. In the particular case of the FAN5330, the output
voltage is limited by the switching transistor breakdown at
around 45V, typically (assuming that COUT and the Schottky
diode rating voltage are higher). Since at such high output volt-
age the output current is inherently limited by the discontinuous
conduction mode, in most cases, the switching transistor enters
non-destructive breakdown and the IC survives.
However, to ensure 100% protection for LED disconnection, we
recommend limiting VOUT with an external Zener diode or stop-
ping the boost switching with an external voltage supervisory
circuit.
Applications Information
Setting the Output Current
The internal reference (VREF) is 110mV (Typical). The output
current is set by a resistor divider R connected between FB pin
and ground. The output current is given by
Reference
Oscillator
n
FB
FB
Amp
Driver
Comp
Over
Voltage
Comp
-
-
+
+
Σ
Ramp
Generator
R
R
R
Q
S
Current Limit
Comparator
30m
1.15 x VREF
Shutdown
Circuitry
Thermal
Shutdown
SHDN
GND
SW
VIN
Amp
Error
45
1
2
3
+
+
-
-
+
-
I
LED
V
REF
R
--------------
=


Similar Part No. - ECJ-3YB1E474K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ECJ-3YB1E474K IRF-ECJ-3YB1E474K Datasheet
355Kb / 16P
   High Power Factor/Low THD
More results

Similar Description - ECJ-3YB1E474K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5333A FAIRCHILD-FAN5333A Datasheet
538Kb / 11P
   High Efficiency, High Current Serial LED Driver with 30V Integrated Switch
FAN5332A FAIRCHILD-FAN5332A Datasheet
549Kb / 9P
   High Efficiency, High Current Serial LED Driver and OLED Supply with 30V Integrated Switch
FAN5331 FAIRCHILD-FAN5331_05 Datasheet
582Kb / 10P
   High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
   HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
logo
Shenzhen Huazhimei Semi...
HM5665A HMSEMI-HM5665A Datasheet
499Kb / 4P
   High Efficiency 1.2MHz 30V BOOST LED Driver
logo
SHANGHAI BELLING CO., L...
BL8040 BELLING-BL8040 Datasheet
537Kb / 4P
   High Efficiency 1.2MHz 30V Boost LED Driver
logo
Diodes Incorporated
AL8805 DIODES-AL8805 Datasheet
631Kb / 16P
   HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
DS35030 Rev. 1 - 2
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
ACE Technology Co., LTD...
ACE715C ACE-ACE715C Datasheet
580Kb / 6P
   High Efficiency 1.2MHz 30V Boost LED Driver
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com