Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEDR-8310-1K0 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # AEDR-8310-1K0
Description  Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AEDR-8310-1K0 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  AEDR-8310-1K0 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AEDR-8310-1K0 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AEDR-8310-1K0 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AEDR-8310-1K0 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AEDR-8310-1K0 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AEDR-8310-1K0 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AEDR-8310-1K0 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AEDR-8310-1K0 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AEDR-8310-1K0 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Theory of Operation
The AEDR-8300 series combines
an emitter and a detector in a
single surface mount leadless
package. When used with a
codewheel or linear codestrip,
the encoder translates rotary or
linear motion into digital outputs.
As seen in the block diagram, the
AEDR-8300 consists of three
major components: a light emit-
ting diode (LED) light source, a
detector IC consisting photo-
diodes and lens to focus light
beam from the emitter as well as
light falling on the detector.
The operation of the encoder is
based on the principle of optics
where the detector photodiodes
sense the absence and presence
of light. In this case, the rotary/
linear motion of an object being
monitored is converted to
equivalent light pattern via the
use of codewheel/codestrip. As
shown in the above diagram, the
reflective area (window) of the
codewheel (or codestrip) reflects
light back to the photodetector
IC, whereas no light is reflected
by the non-reflective area (bar).
An alternating light and dark
patterns corresponding to the
window and bar fall on the
photodiodes as the codewheel
rotates. The moving light pattern
is exploited by the detector
circuitry to produce digital
outputs representing the rotation
of the codewheel. When the
codewheel is coupled to a motor,
the encoder outputs is then a
direct representation of the
motor rotation. The same con-
cept applies to the use of a
codestrip to detect linear motion.
Definitions
State Width (S)
: The number of
electrical degrees between a
transition in Channel A and the
neighboring transition in Chan-
nel B. There are 4 states per
cycle, each nominally 90oe.
State Width Error (
∆S): The
deviation of state width, in
electrical degree, from its ideal
value of 90oe.
Phase (
φ): The number of electri-
cal degrees between the center of
high state of Channel A and the
center of high state of Channel B.
Nominally 90oe.
Phase Error (
∆φ): The deviation
of phase, in electrical degree,
from its ideal value of 90oe.
Pulse Width (P)
: The duration of
high state of the output, in
electrical degree, within one
cycle. Nominally 180oe or half a
cycle.
Pulse Width Error (
∆P): The
deviation of pulse width, in
electrical degree, from its ideal
value of 180oe.
Count (N)
: The number of
window and bar pair per revolu-
tion (CPR) of codewheel. For
linear codestrip, defined as the
number of window and bar pair
per unit length (lines per inch
[LPI] or lines per mm [LPmm]).
One Cycle (C)
: 360 electrical
degrees (oe). Equivalent to one
window and bar pair.
One Shaft Rotation
: 360 me-
chanical degrees. Also equivalent
to N counts (codewheel only).
Line Density
: The number of
window and bar pair per unit
length, expressed in either lines
per inch (LPI) or lines per mm
(LPmm).
Optical radius (Rop)
: The
distance between the codewheel
center and the centerline be-
tween the two domes of the
encoder.
Figure 1. Block Diagram of AEDR-8300.
VLED
GND
VCC
CH A
CH B
GND
SIGNAL
PROCESSING
CIRCUITRY
R
CODEWHEEL
OR
CODESTRIP


Similar Part No. - AEDR-8310-1K0

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8300 AVAGO-AEDR-8300 Datasheet
206Kb / 10P
   Single channel incremental output
AEDR-8300-1 AVAGO-AEDR-8300-1 Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
AEDR-8300-1WX AVAGO-AEDR-8300-1WX Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
AEDR-8320 AVAGO-AEDR-8320 Datasheet
223Kb / 11P
   Reflective Surface Mount Optical Encoder
AEDR-83200Q1 AVAGO-AEDR-83200Q1 Datasheet
223Kb / 11P
   Reflective Surface Mount Optical Encoder
More results

Similar Description - AEDR-8310-1K0

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
   Reflective Optical Surface Mount Encoders
HEDR-8000 HP-HEDR-8000 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDR-8000 AVAGO-HEDR-8000 Datasheet
430Kb / 8P
   Reflective Optical Surface Mount Encoders
AEDR-8320 AVAGO-AEDR-8320 Datasheet
223Kb / 11P
   Reflective Surface Mount Optical Encoder
AEDR-8400-140 AVAGO-AEDR-8400-140 Datasheet
89Kb / 2P
   Reflective Surface Mount Optical Encoder
AEDR-8000 AVAGO-AEDR-8000 Datasheet
138Kb / 10P
   Reflective Surface Mount Optical Encoder
AEDR-8300-1 AVAGO-AEDR-8300-1 Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
AEDR-8400-132 AVAGO-AEDR-8400-132 Datasheet
328Kb / 8P
   Reflective Surface Mount Optical Encoder
logo
Agilent(Hewlett-Packard...
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
   Panel Mount Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
   Panel Mount Optical Encoders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com