Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7508B Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM7508B
Description  Single Rail CODEC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7508B Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM7508B Datasheet HTML 2Page - OKI electronic componets MSM7508B Datasheet HTML 3Page - OKI electronic componets MSM7508B Datasheet HTML 4Page - OKI electronic componets MSM7508B Datasheet HTML 5Page - OKI electronic componets MSM7508B Datasheet HTML 6Page - OKI electronic componets MSM7508B Datasheet HTML 7Page - OKI electronic componets MSM7508B Datasheet HTML 8Page - OKI electronic componets MSM7508B Datasheet HTML 9Page - OKI electronic componets MSM7508B Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
¡ Semiconductor
MSM7508B/7509B
6/17
DG
Ground for the digital signal circuits.
This ground is separate from the analog signal ground. The DG pin must be connected to the AG
pin on the printed circuit board to make a common analog ground.
PDN
Power down control signal.
A logic "0" level drives both transmit and receive circuits to a power down state.
PCMOUT
PCM signal output.
The PCM output signal is output from MSD in a sequential order, synchronizing with the rising
edge of the BCLOCK signal.
MSD may be output at the rising edge of the XSYNC signal, based on the timing between
BCLOCK and XSYNC.
This pin is in a high impedance state except during 8-bit PCM output. It is also in a high
impedance state during power saving or power down modes.
A pull-up resistor must be connected to this pin because its output is configured as an open drain.
This device is compatible with the ITU-T recommendation on coding law and output coding
format.
The MSM7509B (A-law) outputs the character signal, inverting the even bits.
Input/Output Level
+Full scale
+0
–0
–Full scale
PCMIN/PCMOUT
MSM7508B (
m-law)
MSD
1000
0000
1111
1111
0111
1111
0000
0000
MSM7509B (A-law)
MSD
1010
1010
1101
0101
0101
0101
0010
1010
SG
Signal ground voltage output.
The output voltage is 1/2 of the power supply voltage.
The output drive current capability is
±300 mA.
This pin provides the SG level for CODEC peripherals.
This output voltage level is undefined during power saving or power down modes.
SGC
Used to generate the signal ground voltage level by connecting a bypass capacitor.
Connect a 0.1 mF capacitor with excellent high frequency characteristics between the AG pin and
the SGC pin.


Similar Part No. - MSM7508B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7502 OKI-MSM7502 Datasheet
196Kb / 35P
   Multi-Function PCM CODEC
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
   Multi-Function PCM CODEC
MSM7503GS-BK OKI-MSM7503GS-BK Datasheet
242Kb / 41P
   Multi-Function PCM CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7507-01GS-K OKI-MSM7507-01GS-K Datasheet
139Kb / 18P
   Single Rail CODEC
More results

Similar Description - MSM7508B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
   Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7717-01 OKI-MSM7717-01 Datasheet
147Kb / 19P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com