Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUF7216 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # BUF7216
Description  Silicon NPN High Voltage Switching Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BUF7216 Datasheet(HTML) 5 Page - Vishay Siliconix

  BUF7216 Datasheet HTML 1Page - Vishay Siliconix BUF7216 Datasheet HTML 2Page - Vishay Siliconix BUF7216 Datasheet HTML 3Page - Vishay Siliconix BUF7216 Datasheet HTML 4Page - Vishay Siliconix BUF7216 Datasheet HTML 5Page - Vishay Siliconix BUF7216 Datasheet HTML 6Page - Vishay Siliconix BUF7216 Datasheet HTML 7Page - Vishay Siliconix BUF7216 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BUF7216
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 1, 20–Jan–99
5 (8)
Document Number 86520
Typical Characteristics (Tcase = 25_C unless otherwise specified)
0
1
2
3
4
0
200
400
600
800
1000
VCE – Collector Emitter Voltage ( V )
14296
0.1 x IC < IB2 < 0.5 x IC
VCEsat < 2 V
Figure 4.
0
0.5
1.0
1.5
2.0
2.5
0
2468
10
12
VCE – Collector Emitter Voltage ( V )
14254
0.1A
IB=0.025A
0.2A
0.15A
0.05A
Figure 5. IC vs. VCE
1
10
100
0.01
0.10
1.00
10.00
IC – Collector Current ( A )
13736
5V
VCE=2V
10V
Figure 6. hFE vs. IC
0.01
0.10
1.00
10.00
100.00
0
25
50
75
100
125
150
Tcase – Case Temperature ( °C )
13734
12.5K/W
25K/W
50K/W
RthJA=85K/W
1.56K/W
Figure 7. Ptot vs.Tcase
0.01
0.10
1.00
10.00
0.001
0.010
0.100
1.000
10.000
IB – Base Current ( A )
13735
IC=0.2A
2A
0.35A
1A
Figure 8. VCEsat vs. IB
1
10
100
0.01
0.10
1.00
10.00
IC – Collector Current ( A )
13737
VCE=2V
Tj = 125°C
75
°C
25
°C
Figure 9. hFE vs. IC


Similar Part No. - BUF7216

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BUF725D VISHAY-BUF725D Datasheet
291Kb / 6P
   SILICON NPN HIGH VOLTAGE SWITCHING TRANSISTOR
Rev 1. 20-Jan-99
More results

Similar Description - BUF7216

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BUF644 VISHAY-BUF644 Datasheet
92Kb / 9P
   Silicon NPN High Voltage Switching Transistor
Rev. 2, 20-Jan-99
logo
TEMIC Semiconductors
BUF742 TEMIC-BUF742 Datasheet
129Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF636A TEMIC-BUF636A Datasheet
126Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF744 TEMIC-BUF744 Datasheet
133Kb / 9P
   Silicon NPN High Voltage Switching Transistor
logo
Vishay Siliconix
BUD616A VISHAY-BUD616A Datasheet
134Kb / 9P
   Silicon NPN High Voltage Switching Transistor
Rev. 1, 20-Jan-99
logo
TEMIC Semiconductors
TE13004D TEMIC-TE13004D Datasheet
94Kb / 9P
   Silicon NPN High Voltage Switching Transistor
BUF654 TEMIC-BUF654 Datasheet
134Kb / 9P
   Silicon NPN High Voltage Switching Transistor
logo
Vaishali Semiconductor
BUD700D VAISH-BUD700D Datasheet
99Kb / 8P
   Silicon NPN High Voltage Switching Transistor
logo
TEMIC Semiconductors
BUF650 TEMIC-BUF650 Datasheet
88Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF653 TEMIC-BUF653 Datasheet
132Kb / 8P
   Silicon NPN High Voltage Switching Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com