Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12CLQ150 Datasheet(PDF) 3 Page - International Rectifier

Part # 12CLQ150
Description  The 12CLQ150 center tap Schottky rectifier has been expressly designed to meet the rigorous requirements of hi-rel environments.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

12CLQ150 Datasheet(HTML) 3 Page - International Rectifier

  12CLQ150 Datasheet HTML 1Page - International Rectifier 12CLQ150 Datasheet HTML 2Page - International Rectifier 12CLQ150 Datasheet HTML 3Page - International Rectifier 12CLQ150 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
12CLQ150
www.irf.com
3
Fig. 2 - Typical Values of Reverse Current
Vs. Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance Vs.
Reverse Voltage (Per Leg)
Fig. 1 - Max. Forward Voltage Drop Characteristics
(Per Leg)
0.0001
0.001
0.01
0.1
1
10
100
0
30
60
90
120
150
75°C
50°C
125°C
150°C
T = 175°C
J
A
25°C


Similar Part No. - 12CLQ150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
12CLQ150 IRF-12CLQ150 Datasheet
130Kb / 4P
   SCHOTTKY RECTIFIER
12CLQ150 IRF-12CLQ150_15 Datasheet
130Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 12CLQ150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EQ045 IRF-8EQ045 Datasheet
73Kb / 4P
   The 8EQ045 Schottky rectifier has been expressly designed to meet the rigorous requirements of hi -rel environments
logo
JMK Inc.
0916 JMK-0916 Datasheet
45Kb / 1P
   This series of filters has been designed to meet tempest and other requirements
logo
International Rectifier
12CWQ10G IRF-12CWQ10G Datasheet
162Kb / 7P
   The 12CWQ10G surface mount, center tap, Schottky rectifier series has been designed for applications requiring low for forward
logo
Kersemi Electronic Co.,...
MBR3045CTP KERSEMI-MBR3045CTP Datasheet
1Mb / 5P
   This center tap Schottky rectifier has been optimized for low
logo
JMK Inc.
ZA-2074-8 JMK-ZA-2074-8 Datasheet
33Kb / 1P
   The ZA-2074-8 filter has been designed for systems operating under the requirements of MIL-STD-461C
logo
International Rectifier
STPS40L40CW IRF-STPS40L40CW Datasheet
257Kb / 7P
   The STPS40L40CW center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage.
logo
Laird Tech Smart Techno...
BTM44X LSTD-BTM44X Datasheet
1Mb / 28P
   modules from Laird Technologies have been designed to meet the needs of developers
logo
International Rectifier
STPS30L60CW IRF-STPS30L60CW Datasheet
221Kb / 7P
   The STPS30L60CW center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage.
STPS40L15CW IRF-STPS40L15CW Datasheet
241Kb / 7P
   The STPS40L15CW center tap Schottky rectifier module has been optimized for ultra low forward voltage drop specifically for the OR-ing of parallel power supplies.
203CNQ IRF-203CNQ Datasheet
172Kb / 5P
   The 203CNQ... (R) center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com