Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12CLQ150 Datasheet(PDF) 2 Page - International Rectifier

Part # 12CLQ150
Description  The 12CLQ150 center tap Schottky rectifier has been expressly designed to meet the rigorous requirements of hi-rel environments.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

12CLQ150 Datasheet(HTML) 2 Page - International Rectifier

  12CLQ150 Datasheet HTML 1Page - International Rectifier 12CLQ150 Datasheet HTML 2Page - International Rectifier 12CLQ150 Datasheet HTML 3Page - International Rectifier 12CLQ150 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
12CLQ150
2
www.irf.com
Part number
12CLQ150
VR
Max. DC Reverse Voltage (V) (Per Leg)
VRWM Max. Working Peak Reverse Voltage (V) (Per Leg)
Voltage Ratings
150
Parameters
Limits
Units
Conditions
IF(AV) Max. Average Forward Current
35
A
50% duty cycle @ TC = 100°C, rectangular waveform
See Fig. 5
IFSM
Max. Peak One Cycle Non - Repetitive
200
A
@ tp = 8.3 ms half-sine
Surge Current (Per Leg)
Absolute Maximum Ratings
Q Pulse Width < 300µs, Duty Cycle < 2%
Parameters
Limits
Units
Conditions
TJ
Max.Junction Temperature Range
-55 to 150
°C
Tstg
Max. Storage Temperature Range
-55 to 150
°C
RthJC Max. Thermal Resistance, Junction
1.67
°C/W
DC operation
See Fig. 4
to Case (Per Leg)
RthJC Max. Thermal Resistance, Junction
0.83
°C/W
DC operation
to Case (Per Package)
wt
Weight (Typical)
2.6
g
Die Size
125X125
mils
Case Style
SMD-1
Thermal-Mechanical Specifications
Parameters
Limits
Units
Conditions
VFM
Max. Forward Voltage Drop
1.13
V
@ 15A
(Per Leg) See Fig. 1
Q
1.6
V
@ 35A
0.86
V
@ 15A
1.20
V
@ 35A
IRM
Max. Reverse Leakage Current
0.5
mA
TJ = 25°C
VR = rated VR
(Per Leg) See Fig. 2
Q
15
mA
TJ = 125°C
CT
Max. Junction Capacitance (Per Leg)
340
pF
VR = 5VDC ( 1MHz, 25°C )
L S
Typical Series Inductance (Per Leg)
5.9
nH
Measured from center of cathode pad to center of
anode pad
Electrical Specifications
TJ = 25°C
TJ = 125°C


Similar Part No. - 12CLQ150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
12CLQ150 IRF-12CLQ150 Datasheet
130Kb / 4P
   SCHOTTKY RECTIFIER
12CLQ150 IRF-12CLQ150_15 Datasheet
130Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 12CLQ150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EQ045 IRF-8EQ045 Datasheet
73Kb / 4P
   The 8EQ045 Schottky rectifier has been expressly designed to meet the rigorous requirements of hi -rel environments
logo
JMK Inc.
0916 JMK-0916 Datasheet
45Kb / 1P
   This series of filters has been designed to meet tempest and other requirements
logo
International Rectifier
12CWQ10G IRF-12CWQ10G Datasheet
162Kb / 7P
   The 12CWQ10G surface mount, center tap, Schottky rectifier series has been designed for applications requiring low for forward
logo
Kersemi Electronic Co.,...
MBR3045CTP KERSEMI-MBR3045CTP Datasheet
1Mb / 5P
   This center tap Schottky rectifier has been optimized for low
logo
JMK Inc.
ZA-2074-8 JMK-ZA-2074-8 Datasheet
33Kb / 1P
   The ZA-2074-8 filter has been designed for systems operating under the requirements of MIL-STD-461C
logo
International Rectifier
STPS40L40CW IRF-STPS40L40CW Datasheet
257Kb / 7P
   The STPS40L40CW center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage.
logo
Laird Tech Smart Techno...
BTM44X LSTD-BTM44X Datasheet
1Mb / 28P
   modules from Laird Technologies have been designed to meet the needs of developers
logo
International Rectifier
STPS30L60CW IRF-STPS30L60CW Datasheet
221Kb / 7P
   The STPS30L60CW center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage.
STPS40L15CW IRF-STPS40L15CW Datasheet
241Kb / 7P
   The STPS40L15CW center tap Schottky rectifier module has been optimized for ultra low forward voltage drop specifically for the OR-ing of parallel power supplies.
203CNQ IRF-203CNQ Datasheet
172Kb / 5P
   The 203CNQ... (R) center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com