Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6996H Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM6996H
Description  Single Chip CODEC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6996H Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM6996H Datasheet HTML 4Page - OKI electronic componets MSM6996H Datasheet HTML 5Page - OKI electronic componets MSM6996H Datasheet HTML 6Page - OKI electronic componets MSM6996H Datasheet HTML 7Page - OKI electronic componets MSM6996H Datasheet HTML 8Page - OKI electronic componets MSM6996H Datasheet HTML 9Page - OKI electronic componets MSM6996H Datasheet HTML 10Page - OKI electronic componets MSM6996H Datasheet HTML 11Page - OKI electronic componets MSM6996H Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
¡ Semiconductor
MSM6996H/6996V/6997H/6997V/6998/6999
8/21
+
AIN
AOUT
TRANSMIT
BPF
PCMOUT
PCMIN
AD
RECV
LPF
DA
+
AG
Signal flow in normal operating mode
Signal flow in analog loop-back mode
VSS
Negative voltage power supply.
The range of power supply voltage is –5 V
±5%.
TMC
Control signal input for mode selection.
This pin select the normal operating mode or analog loop-back mode.
TMC Input
Mode
> 2.0 V
Normal operation
< 0.8 V
Analog loop-back


Similar Part No. - MSM6996H

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
MSM6927GS-2K OKI-MSM6927GS-2K Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
MSM6927GS-K OKI-MSM6927GS-K Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
MSM6927RS OKI-MSM6927RS Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
More results

Similar Description - MSM6996H

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB6026A FUJITSU-MB6026A Datasheet
1Mb / 19P
   SINGLE CHIP CODEC WITH FILTERS
logo
Hitachi Semiconductor
HD44231P HITACHI-HD44231P Datasheet
671Kb / 11P
   SINGLE CHIP CODEC WITH FILTERS(COMBO)
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Harris Corporation
CD22354A HARRIS-CD22354A Datasheet
55Kb / 10P
   CMOS Single-Chip, Full-Feature PCM CODEC
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com