Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6948V Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6948V
Description  1200 bps Single Chip MSK Modem
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6948V Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6948V Datasheet HTML 1Page - OKI electronic componets MSM6948V Datasheet HTML 2Page - OKI electronic componets MSM6948V Datasheet HTML 3Page - OKI electronic componets MSM6948V Datasheet HTML 4Page - OKI electronic componets MSM6948V Datasheet HTML 5Page - OKI electronic componets MSM6948V Datasheet HTML 6Page - OKI electronic componets MSM6948V Datasheet HTML 7Page - OKI electronic componets MSM6948V Datasheet HTML 8Page - OKI electronic componets MSM6948V Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
¡ Semiconductor
MSM6948/6948V
1/13
¡ Semiconductor
MSM6948/6948V
1200 bps Single Chip MSK Modem
GENERAL DESCRIPTION
The MSM6948/6948V is a single chip MSK (Minimum Shift Keying) modem which is fabricated by
Oki’s low power consumption CMOS silicon gate technology.
The demodulator receives the data to be transmitted (SD) synchronized with the transmit timing
clock (ST) generated by the on-chip clock generator. The signal, which is modulated by MSK method,
is output.
The demodulator converts the received MSK signal to the received data (RD) by means of a delay
detection technique after limiting the band of the received MSK signal. This signal is input to the
digital PLL and the re-generated timing clock (RT) is output from the demodulator, synchronized
with the RD.
FEATURES
• Signal power supply: +5 V
• On-chip SCF (Switched Capacitor Filter)
• The transmit filter can be also used as voice splatter filter.
• The receive timing re-generator has two different lock-in time performance options to be chosen
from.
• Built-in crystal oscillation circuit.
• Small number of external components for easy application.
• Wide application-wireless data equipment, MCA system.
• Low power consumption CMOS.
• Package options:
18-pin plastic DIP
(DIP18-P-300-2.54)
(Product name: MSM6948RS)
24-pin plastic SOP
(SOP24-P-430-1.27-K)
(Product name: MSM6948GS-K)
E2A0034-16-X1
This version: Jan. 1998
Previous version: Nov. 1996


Similar Part No. - MSM6948V

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6946 OKI-MSM6946 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
MSM6947 OKI-MSM6947 Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
MSM6947GS-K OKI-MSM6947GS-K Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
MSM6947RS OKI-MSM6947RS Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
More results

Similar Description - MSM6948V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB87002 FUJITSU-MB87002 Datasheet
694Kb / 15P
   1200 BPS MSK MODEM
logo
OKI electronic componet...
MSM6882-3 OKI-MSM6882-3 Datasheet
119Kb / 15P
   2400/1200 bps Single Chip MSK Modem
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
logo
List of Unclassifed Man...
XE1276 ETC-XE1276 Datasheet
97Kb / 10P
   Compact 1200 bps Modem
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
ML7020 OKI-ML7020 Datasheet
125Kb / 19P
   1200 bps MODEM for Remote Control Systems
logo
Epson Company
STC9492C EPSON-STC9492C Datasheet
615Kb / 12P
   CMOS 1,200 bps PSK SINGLE CHIP MODEM
logo
OKI electronic componet...
MSM7532 OKI-MSM7532 Datasheet
154Kb / 21P
   Single Chip MSK Modem with Compandor for Cordless Telephone
MSM7557 OKI-MSM7557 Datasheet
153Kb / 25P
   Single Chip MSK Modem with Compandor for Cordless Telephone
MSM7512B OKI-MSM7512B Datasheet
111Kb / 12P
   1200 bps Half Duplex FSK Modem - ITU-T V.23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com