Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS91L1002U10L100CG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS91L1002U10L100CG
Description  The AS91L1006BU is a one to 6-port JTAG gateway
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS91L1002U10L100CG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS91L1002U10L100CG Datasheet HTML 1Page - List of Unclassifed Manufacturers AS91L1002U10L100CG Datasheet HTML 2Page - List of Unclassifed Manufacturers AS91L1002U10L100CG Datasheet HTML 3Page - List of Unclassifed Manufacturers AS91L1002U10L100CG Datasheet HTML 4Page - List of Unclassifed Manufacturers AS91L1002U10L100CG Datasheet HTML 5Page - List of Unclassifed Manufacturers AS91L1002U10L100CG Datasheet HTML 6Page - List of Unclassifed Manufacturers AS91L1002U10L100CG Datasheet HTML 7Page - List of Unclassifed Manufacturers AS91L1002U10L100CG Datasheet HTML 8Page - List of Unclassifed Manufacturers AS91L1002U10L100CG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
AS91L1006BU
July 2004
6-Port JTAG Gateway
Description
The AS91L1006BU is a one to 6-port
JTAG gateway. It partitions a single JTAG chain
into six separate chains. These separate chains
can be optionally configured to operate as a single
chain.
The AS91L1006BU device is used to
provide enhanced capabilities to the standard
IEEE1149.1. It enables the IEEE1149.1 interface
to be used in a true Multi-Drop environment without
any additional signals. This Multi-Drop capability
enables the standard IEEE1149.1 interface to be
used not just for stand alone PCB (Printed Circuit
Board) testing, but also for complete system
testing including all PCBs within a system back
plane environment.
The AS91L1006BU provides the capability
of partitioning the PCB, into multiple smaller
IEEE1149.1 scan chains totally under software
control. Partitioning the IEEE1149.1 chains on the
PCB has several benefits which include easier
fault diagnostics capabilities as a fault on one of
the IEEE1149.1 Local Scan Ports (LSPs) does
not render the PCB untestable, faster flash
programming on the PCBs, and removal of
IEEE1149.1 signal loading issues.
All
of
the
protocols
required
for
addressing the AS91L1006BU device via the
Multi-Drop
capability
and
the
protocols
for
configuring which of the six IEEE1149.1 LSPs on
the AS91L1006BU are to be used, is handled via
3
rd party ATPG tools from vendors like Asset-
Intertech and JTAG Technologies. In a Multi-Drop
environment
it
is
also
possible
to
perform
interconnect tests between multiple PCBs within a
system thus extending the interconnect tests to
the back plane itself.
Key Features
Device Multi-Drop addressable via the IEEE
1149.1 protocol
Support for 6 local scan chains addressable via
the IEEE 1149.1 interface
Support for Pass-Through
Support
for
the
IEEE
1149.1
USERCODE
instruction
Support for Status instruction enabling non-
intrusive monitoring of the system card
Local Scan Port (LSP) enable signal provides the
ability to use non IEEE 1149.1 compliant devices
that require JTAG enable signal
Provides the ability to initiate Self-Test on a
remote PCB via a standard IEEE 1149.1
command
Support for JTAG Technologies AutoWR
feature
Pinout and feature set compatible (complete
second source) with the Firecron JTS06BU
device
Available in a 100-pin LQFP or a 100-pin
FPBGA lead free package
Device Block Diagram
D e vice
S e le c t io n
Logic
Loc al S c an P o r t
P a r k / U n- par k
S y nc Logic
114 9 . 1 T A P C o nt r o ller
and
B o undar y R e g is t er S e le c t io n Log ic
P a ss T h r o u g h
Logic & Loc al
Sc a n Po r t
C onnec t ion/
Co n f ig
lo g ic
LS P 1
LS P 2
LS P 3
LS P 4
LS P 5
LS P 6
S t a t u s D a ta
Us e r c o d e
Da t a
De v ic e
ad dr e s s
P a s s T h r ough E nable
P r im ar y 1 149. 1
J T A G In te r f a c e
Figure 1 - AS91L1006BU Device Block Diagram
Alliance Semiconductor
2575 Augustine Drive
• Santa Clara, CA 95054 • T: 408-855-4900 • F: 408-855-4999 • www.alsc.com


Similar Part No. - AS91L1002U10L100CG

ManufacturerPart #DatasheetDescription
logo
QuWireless
AS915 QUWIRELESS-AS915 Datasheet
1Mb / 4P
   Directional 915MHz LoRa outdoor antenna
AS915XR QUWIRELESS-AS915XR Datasheet
1Mb / 4P
   Directional 915MHz LoRa outdoor antenna
More results

Similar Description - AS91L1002U10L100CG

ManufacturerPart #DatasheetDescription
logo
Level One
VOI-8001 LVL1-VOI-8001 Datasheet
134Kb / 2P
   The LevelOne VOI-8001 is a cost-effective VoIP telephone gateway
logo
STMicroelectronics
ST20-JPI STMICROELECTRONICS-ST20-JPI Datasheet
78Kb / 10P
   PC PARALLEL PORT TO JTAG INTERFACE
logo
Altera Corporation
EP3C5E144C8N ALTERA-EP3C5E144C8N Datasheet
6Mb / 348P
   Ability to disable external JTAG port
logo
THOR communications
H-1ASI-IP THOR-H-1ASI-IP Datasheet
709Kb / 1P
   The H-1ASI-IP is a video gateway for DVB-IP systems
logo
RF Monolithics, Inc
RO2101E RFM-RO2101E Datasheet
134Kb / 2P
   The RO2101E is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount, ceramic case.
logo
Surge Components
2N2222 SURGE-2N2222 Datasheet
521Kb / 3P
   the transistor is subdivded into one group
logo
List of Unclassifed Man...
ADAM-4572 ETC2-ADAM-4572 Datasheet
185Kb / 1P
   1-port Modbus짰 to Ethernet Data Gateway
logo
Micrel Semiconductor
KS8695PX MICREL-KS8695PX Datasheet
206Kb / 2P
   MULTI-PORT SINGLE PCI GATEWAY-ON-A-CHIP
logo
Littelfuse
SPUSB1 LITTELFUSE-SPUSB1 Datasheet
97Kb / 3P
   The Littelfuse SPUSB1 Series is a multifunctional USB port protection
logo
Advantech Co., Ltd.
ADAM-4572 ADVANTECH-ADAM-4572 Datasheet
352Kb / 1P
   1-port Modbus Gateway
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com