Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PALCE22V10-15PI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # PALCE22V10-15PI
Description  Flash-erasable Reprogrammable CMOS PAL Device
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PALCE22V10-15PI Datasheet(HTML) 5 Page - Cypress Semiconductor

  PALCE22V10-15PI Datasheet HTML 1Page - Cypress Semiconductor PALCE22V10-15PI Datasheet HTML 2Page - Cypress Semiconductor PALCE22V10-15PI Datasheet HTML 3Page - Cypress Semiconductor PALCE22V10-15PI Datasheet HTML 4Page - Cypress Semiconductor PALCE22V10-15PI Datasheet HTML 5Page - Cypress Semiconductor PALCE22V10-15PI Datasheet HTML 6Page - Cypress Semiconductor PALCE22V10-15PI Datasheet HTML 7Page - Cypress Semiconductor PALCE22V10-15PI Datasheet HTML 8Page - Cypress Semiconductor PALCE22V10-15PI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PALCE22V10
USE ULTRA37000TM FOR
ALL NEW DESIGNS
Document #: 38-03027 Rev. *B
Page 5 of 13
AC Test Loads and Waveforms
5V
OUTPUT
INCLUDING
JIG AND
SCOPE
CL
(a)
(b)
5V
OUTPUT
INCLUDING
JIG AND
SCOPE
5pF
(c)
OUTPUT
CL
R1238
(319
Ω MIL)
R1238
(319
Ω MIL)
R2170
(236
Ω MIL)
R2170
(236
Ω MIL)
750
(1.2K
MIL)
OUTPUT
2.08V = VTHC
OUTPUT
2.13V = VTHM
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
<2 ns
<2 ns
(d)
99
136
Equivalent to:THÉVENIN Equivalent (Commercial)
Equivalent to: THÉVENIN Equivalent (Military)
Load Speed
CL
Package
5, 7.5, 10, 15, 25 ns
50 pF
PDIP, CDIP,
PLCC, LCC
Commercial Switching Characteristics PALCE22V10 [2, 7]
Parameter
Description
22V10-5
22V10-7
22V10-10
22V10-15
22V10-25
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tPD
Input to Output
Propagation Delay[8]
3
5
3
7.5
3
10
3
15
3
25
ns
tEA
Input to Output Enable Delay[9]
6
8
10
15
25
ns
tER
Input to Output Disable Delay[10]
6
8
10
15
25
ns
tCO
Clock to Output Delay[8]
2
4
2
5
2
7
2
8
2
15
ns
Notes:
7. Part (a) of AC Test Loads and Waveforms is used for all parameters except tER and tEA(+). Part (b) of AC Test Loads and Waveforms is used for tER. Part (c) of AC Test
Loads and Waveforms is used for tEA(+).
8. Min. times are tested initially and after any design or process changes that may affect these parameters.
9. The test load of (a) of AC Test Loads and Waveforms is used for measuring tEA(-). The test load of (c) of AC Test Loads and Waveforms is used for measuring tEA(+) only.
Please see (e) of AC Test Loads and Waveforms for enable and disable test waveforms and measurement reference levels.
10. This parameter is measured as the time after output disable input that the previous output data state remains stable on the output. This delay is measured to
the point at which a previous HIGH level has fallen to 0.5V below VOH min. or a previous LOW level has risen to 0.5V above VOL max. Please see (e) of AC Test Loads
and Waveforms for enable and disable test waveforms and measurement reference levels.
Parameter
VX
Output Waveform Measurement Level
tER (- )
1.5V
VOH
0.5V
VX
0.5V
tER (+)
2.6V
VOL
VX
tEA (+)
0V
0.5V
tEA (- )
Vthc
VX
VOL
1.5V
VX
VOH
(e) Test Waveforms


Similar Part No. - PALCE22V10-15PI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE22V10-15PI CYPRESS-PALCE22V10-15PI Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
More results

Similar Description - PALCE22V10-15PI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
352Kb / 14P
   Flash Erasable, Reprogrammable CMOS PAL Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL Device
5962-8867004LA CYPRESS-5962-8867004LA Datasheet
337Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL Device
PALCE16V8 CYPRESS-PALCE16V8 Datasheet
300Kb / 13P
   Flash-Erasable Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D Datasheet
684Kb / 11P
   FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE
PALCE20V8 CYPRESS-PALCE20V8_04 Datasheet
316Kb / 14P
   Flash-Erasable Reprogrammable CMOS PAL짰 Device
PALC22V10D CYPRESS-PALC22V10D_07 Datasheet
328Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10 CYPRESS-PALCE22V10_96 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com