Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS91L1002S40F100IF Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AS91L1002S40F100IF
Description  The AS91L1006BU is a one to 6-port JTAG gateway
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS91L1002S40F100IF Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AS91L1002S40F100IF Datasheet HTML 2Page - List of Unclassifed Manufacturers AS91L1002S40F100IF Datasheet HTML 3Page - List of Unclassifed Manufacturers AS91L1002S40F100IF Datasheet HTML 4Page - List of Unclassifed Manufacturers AS91L1002S40F100IF Datasheet HTML 5Page - List of Unclassifed Manufacturers AS91L1002S40F100IF Datasheet HTML 6Page - List of Unclassifed Manufacturers AS91L1002S40F100IF Datasheet HTML 7Page - List of Unclassifed Manufacturers AS91L1002S40F100IF Datasheet HTML 8Page - List of Unclassifed Manufacturers AS91L1002S40F100IF Datasheet HTML 9Page - List of Unclassifed Manufacturers AS91L1002S40F100IF Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
July 2004
AS91L1006BU
AS91L1006BU device Register descriptions
Bypass Register
It is a mandatory single bit register that can
be connected between PRIM_TDI and PRIM_TDO
of the AS91L1006BU device.
Multi-Cast Group Register
This 2-bit data register enables the host
system to place the AS91L1006BU into one of
four distinct addressable groups.
MCGR Register Bits
[1..0]
Binary Selection Address
MCGR GROUP
00
XX111100
GRP0
01
XX111101
GRP1
10
XX111110
GRP2
11
XX111111
GRP3
Table 5 - Multicast Group Register Mapping
Note: The MCGR is reset to 00 upon receiving TRST or the entering of the Test-Logic-Reset
state
.
IDCODE Register
It is an optional 32-bit register that can be
connected between PRIM_TDI and PRIM_TDO of
the AS91L1006BU device. The contents of the
IDCODE register will be loaded with the following
data when the AS91L1006BU enters Test-Logic-
Reset or passes through Capture-IR:
"00000000000000001000001101101111"
Bits 0 to 11 indicate ALSC Jedec ID value of:
“001101101111”
Bits 12 to 27 indicate the part number of the
device: “0000000000010000”
Bits 28 to 31 indicate the revision of the device:
“0000”
USERCODE Register
The USERCODE is an 8-bit register that can
be
addressed
via
standard
IEEE1149.1
commands, which are automatically generated by
third party test tools. AS91L1006BU returns all
zeroes if read from this registerUSERUSER and
does have the ability to write into this register.
* The AS91L1006BU is a complete second source and pin for pin replacement of the
Firecron JTS06BU device.
www.alsc.com
Alliance Semiconductor
6
2003, 2004 © Copyright Alliance Semiconductor Corporation. All Rights reserved.


Similar Part No. - AS91L1002S40F100IF

ManufacturerPart #DatasheetDescription
logo
QuWireless
AS915 QUWIRELESS-AS915 Datasheet
1Mb / 4P
   Directional 915MHz LoRa outdoor antenna
AS915XR QUWIRELESS-AS915XR Datasheet
1Mb / 4P
   Directional 915MHz LoRa outdoor antenna
More results

Similar Description - AS91L1002S40F100IF

ManufacturerPart #DatasheetDescription
logo
Level One
VOI-8001 LVL1-VOI-8001 Datasheet
134Kb / 2P
   The LevelOne VOI-8001 is a cost-effective VoIP telephone gateway
logo
STMicroelectronics
ST20-JPI STMICROELECTRONICS-ST20-JPI Datasheet
78Kb / 10P
   PC PARALLEL PORT TO JTAG INTERFACE
logo
Altera Corporation
EP3C5E144C8N ALTERA-EP3C5E144C8N Datasheet
6Mb / 348P
   Ability to disable external JTAG port
logo
THOR communications
H-1ASI-IP THOR-H-1ASI-IP Datasheet
709Kb / 1P
   The H-1ASI-IP is a video gateway for DVB-IP systems
logo
RF Monolithics, Inc
RO2101E RFM-RO2101E Datasheet
134Kb / 2P
   The RO2101E is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount, ceramic case.
logo
Surge Components
2N2222 SURGE-2N2222 Datasheet
521Kb / 3P
   the transistor is subdivded into one group
logo
List of Unclassifed Man...
ADAM-4572 ETC2-ADAM-4572 Datasheet
185Kb / 1P
   1-port Modbus짰 to Ethernet Data Gateway
logo
Micrel Semiconductor
KS8695PX MICREL-KS8695PX Datasheet
206Kb / 2P
   MULTI-PORT SINGLE PCI GATEWAY-ON-A-CHIP
logo
Littelfuse
SPUSB1 LITTELFUSE-SPUSB1 Datasheet
97Kb / 3P
   The Littelfuse SPUSB1 Series is a multifunctional USB port protection
logo
Advantech Co., Ltd.
ADAM-4572 ADVANTECH-ADAM-4572 Datasheet
352Kb / 1P
   1-port Modbus Gateway
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com