Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6214 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6214
Description  Micropower, SC-70, 100mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6214 Datasheet(HTML) 5 Page - Sipex Corporation

  SP6214 Datasheet HTML 1Page - Sipex Corporation SP6214 Datasheet HTML 2Page - Sipex Corporation SP6214 Datasheet HTML 3Page - Sipex Corporation SP6214 Datasheet HTML 4Page - Sipex Corporation SP6214 Datasheet HTML 5Page - Sipex Corporation SP6214 Datasheet HTML 6Page - Sipex Corporation SP6214 Datasheet HTML 7Page - Sipex Corporation SP6214 Datasheet HTML 8Page - Sipex Corporation SP6214 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Date: 08/10/05
SP6213, SP6214 Micropower, SC-70, 100mA CMOS LDO Regulator
© Copyright 2005 Sipex Corporation
27°C, VIN=4V, IL = 0.1mA, CIN = COUT = 1µF unless otherwise specified.
3
3.01
3.02
3.03
3.04
3.05
-50
0
50
100
150
Temperature (°C)
VIN=4V
VIN=5.5V
VIN=7V
2.99
3
3.01
3.02
3.03
3.04
3.05
-50
0
50
100
150
Temperature (°C)
VIN=4V
VIN=5.5V
VIN=7V
2.97
2.98
2.99
3
3.01
3.02
3.03
3.04
-50
0
50
100
150
Temperature (°C)
VIN=4V
VIN=5.5V
VIN=7V
2.95
2.96
2.97
2.98
2.99
3
3.01
3.02
3.03
3.04
-50
0
50
100
150
Temperature (°C)
VIN=4V
VIN=5.5V
VIN=7V
0
50
100
150
200
-50
0
50
100
150
Temperature (°C)
VIN=4V
VIN=5.5V
VIN=7V
0
0.05
0.1
0.15
0.2
0.25
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
ILOAD=10mA
ILOAD=50mA
ILOAD=100mA
Line Regulation at 27°C
3.015
3.025
3.035
3.045
345
6
7
VIN (V)
Io=0.1mA
Io=10mA
Io=50mA
Io=100mA
3.025
3.030
3.035
3.040
3.045
020
40
6080
100
Io (mA)
Vin = 4V
Vin = 5.5V
Vin = 7V
3.025
3.030
3.035
3.040
3.045
020
40
6080
100
VIN = 4V
VIN = 5.5V
VIN = 7V
Output Voltage vs. Temperature (I
OUT = 0.1mA)
Output Voltage vs. Temperature (I
OUT = 10mA)
Output Voltage vs. Temperature (I
OUT = 50mA)
Output Voltage vs. Temperature (I
OUT = 100mA)
Quiescent Current vs. Temperature (I
OUT = 0A)
Dropout Voltage vs. Temperature
Output Voltage vs. Output Current
Output Voltage vs. Input Voltage
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - SP6214

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6214 EXAR-SP6214 Datasheet
278Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP6214EC5-1-8 EXAR-SP6214EC5-1-8 Datasheet
278Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP6214EC5-1-8/TR EXAR-SP6214EC5-1-8/TR Datasheet
278Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP6214EC5-2-5 EXAR-SP6214EC5-2-5 Datasheet
278Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP6214EC5-2-5/TR EXAR-SP6214EC5-2-5/TR Datasheet
278Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
More results

Similar Description - SP6214

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6213 SIPEX-SP6213 Datasheet
696Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Exar Corporation
SP6213 EXAR-SP6213 Datasheet
278Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Sipex Corporation
SP6213EC5-L-1-8 SIPEX-SP6213EC5-L-1-8 Datasheet
278Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP78LC00 SIPEX-SP78LC00 Datasheet
912Kb / 10P
   Micropower, 100mA CMOS LDO Regulator
logo
Exar Corporation
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
logo
Sipex Corporation
SP6200 SIPEX-SP6200 Datasheet
144Kb / 10P
   Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200 SIPEX-SP6200 Datasheet
426Kb / 17P
   Micropower, 100mA and 200mA CMOS LDO Regulators
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com