Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C3Q993-2Q Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6C3Q993-2Q
Description  3.3V Programmable Skew PLL Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C3Q993-2Q Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI6C3Q993-2Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C3Q993-2Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C3Q993-2Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C3Q993-2Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C3Q993-2Q Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C3Q993-2Q Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C3Q993-2Q Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C3Q993-2Q Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C3Q993-2Q Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C3Q991, PI6CQ3993
3.3V Programmable Skew PLL Clock Driver SuperClock®
8
PS8449A
10/09/00
tREF
tRPWH
tODCV
tSKEWPR
tSKEW0, 1
tSKEW3,4
tSKEW3,4
tSKEW3,4
tSKEW2,4
tSKEW1,3,4
tSKEWPR
tSKEW0, 1
tPD
tODCV
tRPWL
tJR
REF
FB
Q
Other Q
Inverted Q
REF Divided by 2
REF Divided by 4
tSKEW2
tSKEW2
l
o
b
m
y
Sn
o
it
p
i
r
c
s
e
D.
n
i
M.
x
a
Ms
ti
n
U
tR t
, F
V
0
.
2
o
t
V
8
.
0
,s
e
m
it
ll
a
f
d
n
a
e
si
r
t
u
p
n
i
m
u
m
i
x
a
M0
1V
/
s
n
t C
W
P
W
O
L
r
o
H
G
I
H
,
e
sl
u
p
k
c
o
l
c
t
u
p
n
I3
s
n
DH
el
c
y
c
y
t
u
d
t
u
p
n
I0
10
9%
Table12.InputTimingRequirements
Notes:
1. Input timing requirements are guaranteed by design but not tested. Where pulse width implied by DH is
less than tPWC limit, tPWC limit applies.
ACTimingDiagram
Notes:
VCCQ/PE: The AC timing diagram above applies to VCCQ/PE=VCC. For VCCQ/PE=GND, the negative edge of FB aligns with the negative edge of REF,
divided outputs change on the negative edge of REF, and the positive edges of the divide-by-2 and the divide-by-4 signals align.
Skew:
The time between the earliest and the latest output transition among all outputs for which the same tU delay has been selected when all are
loaded with 20pF and terminated with 75Ohm to VCC/2.
tSKEWPR: The skew between a pair of outputs (xQ0 and xQ1) when all eight outputs are selected for 0tU.
tSKEW0: The skew between outputs when they are selected for 0t U.
tDEV:
The output-to-output skew between any two devices operating under the same conditions (VCC, ambient temperature, air flow, etc.)
tODCV:
The deviation of the output from a 50% duty cycle. Output pulse width variations are included in tSKEW2 and tSKEW4 specifications.
tLOCK:
The time that is required before synchronization is achieved. This specification is valid only after VCC is stable and within normal operating
limits. This parameter is measured from the application of a new signal or frequency at REF or FB until tPD is within specified limits.
tPWH is measured at 2.0V.
tPWL is measured at 0.8V.
tORISE and tOFALL are measured between 0.8V and 2.0V.


Similar Part No. - PI6C3Q993-2Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
PI6C3420ATE PERICOM-PI6C3420ATE Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
PI6C3421A PERICOM-PI6C3421A Datasheet
371Kb / 7P
   27MHz Spread Spectrum Clock Synthesizer
PI6C3503 PERICOM-PI6C3503 Datasheet
408Kb / 10P
   Low Power Spread Spectrum Frequency Multiplier
PI6C3503LE PERICOM-PI6C3503LE Datasheet
408Kb / 10P
   Low Power Spread Spectrum Frequency Multiplier
More results

Similar Description - PI6C3Q993-2Q

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950 IDT-IDT5V9950 Datasheet
67Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5V994 IDT-IDT5V994 Datasheet
73Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM PLUS
IDT5V9955 IDT-IDT5V9955 Datasheet
129Kb / 11P
   3.3V PROGRAMMABLE SKEW DUAL PLL CLOCK DRIVER TURBOCLOCK W
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com