Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C3Q991-5IJ Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C3Q991-5IJ
Description  3.3V Programmable Skew PLL Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C3Q991-5IJ Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6C3Q991-5IJ Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C3Q991-5IJ Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C3Q991-5IJ Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C3Q991-5IJ Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C3Q991-5IJ Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C3Q991-5IJ Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C3Q991-5IJ Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C3Q991-5IJ Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C3Q991-5IJ Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C3Q991, PI6C3Q993
3.3V Programmable Skew PLL Clock Driver SuperClock®
7
PS8449A
10/09/00
n
o
it
p
i
r
c
s
e
D
2
-
1
9
9
Q
3
C
6
I
P
2
-
3
9
9
Q
3
C
6
I
P
5
-
1
9
9
Q
3
C
6
I
P
5
-
3
9
9
Q
3
C
6
I
P
1
9
9
Q
3
C
6
I
P
3
9
9
Q
3
C
6
I
P
s
ti
n
U
l
o
b
m
y
S.
n
i
M.
p
y
T.
x
a
M.
n
i
M.
p
y
T.
x
a
M.
n
i
M.
p
y
T.
x
a
M
F M
O
N
e
g
n
a
r
y
c
n
e
u
q
e
rf
O
C
V2
el
b
a
T
e
e
s2
el
b
a
T
e
e
s2
el
b
a
T
e
e
s
t
H
W
P
R
H
G
I
H
h
t
d
i
w
e
sl
u
p
F
E
R
)
1
1
(
0
.
30
.
30
.
3
s
n
t
L
W
P
R
W
O
L
h
t
d
i
w
e
sl
u
p
F
E
R
)
1
1
(
0
.
30
.
30
.
3
tU
ti
n
u
e
m
it
w
e
k
s
el
b
a
m
m
a
r
g
o
r
P3
el
b
a
T
e
e
s3
el
b
a
T
e
e
s3
el
b
a
T
e
e
s
t
R
P
W
E
K
S
)
1
Q
x
,
0
Q
x
(
w
e
k
s
ri
a
p
-
d
e
h
c
t
a
m
t
u
p
t
u
o
o
r
e
Z
)
3
,
2
,
1
(
5
0
.
00
2
.
01
.
05
2
.
01
.
05
2
.
0
s
n
t
0
W
E
K
S
C
)
st
u
p
t
u
o
ll
a
(
w
e
k
s
t
u
p
t
u
o
o
r
e
Z
L
F
p
0
=
)
4
,
1
(
1
.
05
2
.
05
2
.
05
.
03
.
05
7
.
0
t
1
W
E
K
S
)
st
u
p
t
u
o
s
s
al
c
e
m
a
s
,ll
a
f
-l
l
a
f
,
e
si
r
-
e
si
r(
w
e
k
s
t
u
p
t
u
O
)
5
,
1
(
5
2
.
00
5
.
06
.
07
.
06
.
00
.
1
t
2
W
E
K
S
)
d
e
d
i
v
i
d
-
d
e
d
i
v
i
d
,
d
e
tr
e
v
n
i
-l
a
n
i
m
o
n
,ll
a
f
-
e
si
r(
w
e
k
s
t
u
p
t
u
O
)
5
,
1
(
0
3
.
02
.
15
.
02
.
10
.
15
.
1
t
3
W
E
K
S
)
st
u
p
t
u
o
s
s
al
c
t
n
e
r
e
ff
i
d
,ll
a
f
-l
l
a
f
,
e
si
r
-
e
si
r(
w
e
k
s
t
u
p
t
u
O
)
5
,
1
(
5
2
.
00
5
.
05
.
07
.
07
.
02
.
1
t
4
W
E
K
S
)
d
e
tr
e
v
n
i
-
d
e
d
i
v
i
d
,
d
e
d
i
v
i
d
-l
a
n
i
m
o
n
,ll
a
f
-
e
si
r(
w
e
k
s
t
u
p
t
u
O
)
5
,
1
(
0
5
.
00
9
.
05
.
00
.
12
.
17
.
1
t V
E
D
w
e
k
s
e
ci
v
e
d
-
o
t
-
e
ci
v
e
D
)
6
,
2
,
1
(
5
7
.
05
2
.
15
6
.
1
t D
P
y
al
e
d
n
o
it
a
g
a
p
o
r
p
B
F
o
t
t
u
p
n
i
F
E
R
)
8
,
1
(
5
2
.
0
–0
5
2
.
05
.
0
–0
5
.
07
.
0
–0
7
.
0
t
V
C
D
O
%
0
5
m
o
rf
n
o
it
a
r
a
v
el
c
y
c
y
t
u
d
t
u
p
t
u
O
)
1
(
2
.
1
–0
2
.
12
.
1
–0
2
.
12
.
1
–0
2
.
1
t H
W
P
%
0
5
m
o
rf
n
o
it
ai
v
e
d
e
m
it
H
G
I
H
t
u
p
t
u
O
)
9
,
1
(
0
.
25
.
20
.
3
t L
W
P
%
0
5
m
o
rf
n
o
it
ai
v
e
d
e
m
it
W
O
L
t
u
p
t
u
O
)
0
1
,
1
(
5
.
20
.
35
.
3
t
E
S
I
R
O
e
m
it
e
si
r
t
u
p
t
u
O
)
1
(
5
1
.
00
.
18
.
15
1
.
00
.
18
.
15
1
.
05
.
15
.
2
t
L
L
A
F
O
e
m
it
ll
a
f
t
u
p
t
u
O
)
1
(
5
1
.
00
.
18
.
15
1
.
00
.
18
.
15
1
.
05
.
15
.
2
t
K
C
O
L
e
m
it
k
c
o
l
L
L
P
)
7
,
1
(
5
.
05
.
05
.
0s
m
t R
J
r
e
tt
ij
t
u
p
t
u
o
el
c
y
c
-
o
t
-
el
c
y
C
)
1
(
S
M
R5
20
40
4
s
p
k
a
e
p
-
o
t
-
k
a
e
P0
0
20
0
20
0
2
Table9.SwitchingCharacteristicsOverOperatingRange
Notes:
1. All timing tolerances apply for F NOM≥ 25MHz. Guaranteed by design and characterization, not subject to 100%
production testing.
2. Skew is the time between the earliest and the latest output transition among all outputs for which the same tU delay
has been selected when all are loaded with the specified load.
3. tSKEWPR is the skew between a pair of outputs (xQ0 and xQ1) when all eight outputs are selected for 0tU.
4. tSKEW0 is the skew between outputs when they are selected for 0tU.
5. Thereare3classesofoutputs:Nominal(multipleoftUdelay),Inverted(4Q0and4Q1onlywith4F0=4F1=HIGH),
and Divided (3Qx and 4Qx only in Divide-by-2 or Divide-by-4 mode).
6. t DEV is the output-to-output skew between any two devices operating under the same conditions (VCC , ambient
temperature,airflow,etc.)
7. tLOCK is the time that is required before synchronization is achieved. This specification is valid only after VCC is
stable and within normal operating limits. This parameter is measured from the application of a new signal or
frequency at REF or FB until tPD is within specified limits.
8. tPD is measured with REF input rise and fall times (from 0.8V to 2.0V) of 1.0ns.
9. Measured at 2.0V.
10. Measured at 0.8V.
11. Refer to Table12 for more detail.


Similar Part No. - PI6C3Q991-5IJ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
PI6C3420ATE PERICOM-PI6C3420ATE Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
PI6C3421A PERICOM-PI6C3421A Datasheet
371Kb / 7P
   27MHz Spread Spectrum Clock Synthesizer
PI6C3503 PERICOM-PI6C3503 Datasheet
408Kb / 10P
   Low Power Spread Spectrum Frequency Multiplier
PI6C3503LE PERICOM-PI6C3503LE Datasheet
408Kb / 10P
   Low Power Spread Spectrum Frequency Multiplier
More results

Similar Description - PI6C3Q991-5IJ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950 IDT-IDT5V9950 Datasheet
67Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5V994 IDT-IDT5V994 Datasheet
73Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM PLUS
IDT5V9955 IDT-IDT5V9955 Datasheet
129Kb / 11P
   3.3V PROGRAMMABLE SKEW DUAL PLL CLOCK DRIVER TURBOCLOCK W
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com