Electronic Components Datasheet Search |
|
MX29LV160BTTC-70G Datasheet(PDF) 9 Page - Macronix International |
|
MX29LV160BTTC-70G Datasheet(HTML) 9 Page - Macronix International |
9 / 63 page 9 P/N:PM1041 MX29LV160BT/BB REV. 1.2, JUL. 01, 2004 R Table 4-3. CFI Mode: Device Geometry Data Values (All values in these tables are in hexadecimal) Description Address Address Data (Byte Mode) (Word Mode) Device size (2N bytes) 4E 27 0015 Flash device interface code (x8/x16 async.) 50 28 0002 52 29 0000 Maximum number of bytes in multi-byte write (not supported) 54 2A 0000 56 2B 0000 Number of erase sector regions 58 2C 0004 Erase sector region 1 information (refer to the CFI publication 100) 5A 2D 0000 5C 2E 0000 5E 2F 0040 60 30 0000 Erase sector region 2 information 62 31 0001 64 32 0000 66 33 0020 68 34 0000 Erase sector region 3 information 6A 35 0000 6C 36 0000 6E 37 0080 70 38 0000 Erase sector region 4 information 72 39 001E 74 3A 0000 76 3B 0000 78 3C 0001 Table 4-4. CFI Mode: Primary Vendor-Specific Extended Query Data Values (All values in these tables are in hexadecimal) Description Address Address Data (Byte Mode) (Word Mode) Query-unique ASCII string "PRI" 80 40 0050 82 41 0052 84 42 0049 Major version number, ASCII 86 43 0031 Minor version number, ASCII 88 44 0030 Address sensitive unlock (0=required, 1= not required) 8A 45 0000 Erase suspend (2= to read and write) 8C 46 0002 Sector protect (N= # of sectors/group) 8E 47 0001 Temporary sector unprotect (1=supported) 90 48 0001 Sector protect/chip unprotect scheme 92 49 0004 Simultaneous R/W operation (0=not supported) 94 4A 0000 Burst mode type (0=not supported) 96 4B 0000 Page mode type (0=not supported) 98 4C 0000 |
Similar Part No. - MX29LV160BTTC-70G |
|
Similar Description - MX29LV160BTTC-70G |