Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT71201MCREN Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT71201MCREN
Description  Atmels AT71201M is a full-frame sensor based on charge-coupled device (CCD) technology
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT71201MCREN Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT71201MCREN Datasheet HTML 3Page - ATMEL Corporation AT71201MCREN Datasheet HTML 4Page - ATMEL Corporation AT71201MCREN Datasheet HTML 5Page - ATMEL Corporation AT71201MCREN Datasheet HTML 6Page - ATMEL Corporation AT71201MCREN Datasheet HTML 7Page - ATMEL Corporation AT71201MCREN Datasheet HTML 8Page - ATMEL Corporation AT71201MCREN Datasheet HTML 9Page - ATMEL Corporation AT71201MCREN Datasheet HTML 10Page - ATMEL Corporation AT71201MCREN Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
AT71201M
5328A–IMAGE–05/03
Absolute Maximum
Ratings(1)
Note:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or
above these limits is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliability.
Table 5. Maximum Applied Voltages with Respect to VSS
Signal Name
Parameter
Min
Max
PHILA [1;8]
Registers A clocks
-0.3V
+15V
PHILB [1;8]
Registers B clocks
-0.3V
+15V
PHILS [1;4]
Summing clocks
-0.3V
+15V
PHIR [1;4]
Reset gates
-0.3V
+15V
PHIPA [1;4]
Image zone A clocks
-15V &
PHIPA [others] -15V
+15V &
PHIPA [others] +15V
PHIPB [1;4]
Image zone B clocks
-15V &
PHIPB [others] -15V
+15V &
PHIPB [others] +15V
PHIPC [1;4]
Image zone C clocks
-15V &
PHIPC [others] -15V
+15V &
PHIPC [others] +15V
PHIPD [1;4]
Image zone D clocks
-15V &
PHIPD [others] -15V
+15V &
PHIPD [others] +15V
PHITA
Image zone to register A transfer clock
-15V &
PHIPA [4] -15V
+15V &
PHIPA [4] +15V
PHITB
Image zone to register B transfer clock
-15V &
PHIPB [4] -15V
+15V &
PHIPB [4] +15V
VGS [1;4]
Ouput gates
-0.3V
+15V
VOS [1;4]
Video outputs
-0.3V
+15V
VDD [1;4]
Amplifier drains
-0.3V
+15V
VS [1;4]
Amplifier sources
-0.3V
+15V
VDR [1;4]
Reset drains
-0.3V
+15V
VDE
Peripheral drain
-0.3V
+15V
VDEA
Peripheral drain along register A
-0.3V
+15V
VDEB
Peripheral drain along register B
-0.3V
+15V
VTHL [1;4]
Thermometer low 1 to 4
-0.3V
+15V
VTHH [1;4]
Thermometer high 1 to 4
-0.3V
+15V
VSS
Ground


Similar Part No. - AT71201MCREN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT71200 ATMEL-AT71200 Datasheet
281Kb / 19P
   8M-pixel Color Image Sensor
AT71200M ATMEL-AT71200M Datasheet
455Kb / 19P
   8M-pixel Color Image Sensor
Rev. 2133A-IMAGE-02/03
AT71200MCRENE ATMEL-AT71200MCRENE Datasheet
281Kb / 19P
   8M-pixel Color Image Sensor
AT71200MCRERE ATMEL-AT71200MCRERE Datasheet
281Kb / 19P
   8M-pixel Color Image Sensor
AT71200MCRERE ATMEL-AT71200MCRERE Datasheet
455Kb / 19P
   8M-pixel Color Image Sensor
Rev. 2133A-IMAGE-02/03
More results

Similar Description - AT71201MCREN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD2905D TOSHIBA-TCD2905D Datasheet
247Kb / 22P
   CCD Image Sensor CCD (charge coupled device)
TCD2560D TOSHIBA-TCD2560D Datasheet
285Kb / 15P
   TOSHIBA CCD Image Sensor CCD (charge coupled device)
TCD2703D TOSHIBA-TCD2703D Datasheet
263Kb / 13P
   CCD Linear Image Sensor CCD (Charge Coupled Device)
TCD1707D TOSHIBA-TCD1707D Datasheet
399Kb / 11P
   CCD LINEAR IMAGE SENSOR CCD (CHARGE COUPLED DEVICE)
TCD102C-1 TOSHIBA-TCD102C-1 Datasheet
479Kb / 10P
   CCD LINEAR IMAGE SENSOR (Charge Coupled Device)
TC6133AF TOSHIBA-TC6133AF Datasheet
350Kb / 10P
   AREA IMAGE SENSOR CCD(Charge Coupled Device)
TCD2000P TOSHIBA-TCD2000P Datasheet
261Kb / 11P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD2558D TOSHIBA-TCD2558D Datasheet
244Kb / 15P
   TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
TCD1001P TOSHIBA-TCD1001P Datasheet
288Kb / 11P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD1304DG TOSHIBA-TCD1304DG Datasheet
491Kb / 15P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com