Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT71201MCRER Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT71201MCRER
Description  Atmels AT71201M is a full-frame sensor based on charge-coupled device (CCD) technology
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT71201MCRER Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT71201MCRER Datasheet HTML 5Page - ATMEL Corporation AT71201MCRER Datasheet HTML 6Page - ATMEL Corporation AT71201MCRER Datasheet HTML 7Page - ATMEL Corporation AT71201MCRER Datasheet HTML 8Page - ATMEL Corporation AT71201MCRER Datasheet HTML 9Page - ATMEL Corporation AT71201MCRER Datasheet HTML 10Page - ATMEL Corporation AT71201MCRER Datasheet HTML 11Page - ATMEL Corporation AT71201MCRER Datasheet HTML 12Page - ATMEL Corporation AT71201MCRER Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
AT71201M
5328A–IMAGE–05/03
Drive Clock
Characteristics
Notes:
1. i = A to D, j = 1 to 4
2. k = A to B, m = 1 to 8
Table 7. Drive Clock Characteristics
Parameter
Symbol
State
Minimum
Typical
Maximum
Typical Capacitance
Image clocks
PHIPij(1)
Low
-9V
-8V
-7.5V
37 nF
High
+2.5V
+3V
+3.5V
Transfer clocks
PHITk(2)
Low
-6V
-5V
-4V
200 pF
High
+2.5V
+3V
+3.5V
Register clocks
PHILkm(2)
Low
0V
0V
0.5V
180 pF
High
+7V
+7.5V
+8V
Summing clocks
PHILSj(1)
Low
0V
0V
0.5V
15 pF
High
+7V
+7.5V
+8V
Reset gate clocks
PHIRj(1)
Low
0V
+2V
+3V
15 pF
High
+11V
+12V
+13V


Similar Part No. - AT71201MCRER

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT71200 ATMEL-AT71200 Datasheet
281Kb / 19P
   8M-pixel Color Image Sensor
AT71200M ATMEL-AT71200M Datasheet
455Kb / 19P
   8M-pixel Color Image Sensor
Rev. 2133A-IMAGE-02/03
AT71200MCRENE ATMEL-AT71200MCRENE Datasheet
281Kb / 19P
   8M-pixel Color Image Sensor
AT71200MCRERE ATMEL-AT71200MCRERE Datasheet
281Kb / 19P
   8M-pixel Color Image Sensor
AT71200MCRERE ATMEL-AT71200MCRERE Datasheet
455Kb / 19P
   8M-pixel Color Image Sensor
Rev. 2133A-IMAGE-02/03
More results

Similar Description - AT71201MCRER

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD2905D TOSHIBA-TCD2905D Datasheet
247Kb / 22P
   CCD Image Sensor CCD (charge coupled device)
TCD2560D TOSHIBA-TCD2560D Datasheet
285Kb / 15P
   TOSHIBA CCD Image Sensor CCD (charge coupled device)
TCD2703D TOSHIBA-TCD2703D Datasheet
263Kb / 13P
   CCD Linear Image Sensor CCD (Charge Coupled Device)
TCD1707D TOSHIBA-TCD1707D Datasheet
399Kb / 11P
   CCD LINEAR IMAGE SENSOR CCD (CHARGE COUPLED DEVICE)
TCD102C-1 TOSHIBA-TCD102C-1 Datasheet
479Kb / 10P
   CCD LINEAR IMAGE SENSOR (Charge Coupled Device)
TC6133AF TOSHIBA-TC6133AF Datasheet
350Kb / 10P
   AREA IMAGE SENSOR CCD(Charge Coupled Device)
TCD2000P TOSHIBA-TCD2000P Datasheet
261Kb / 11P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD2558D TOSHIBA-TCD2558D Datasheet
244Kb / 15P
   TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
TCD1001P TOSHIBA-TCD1001P Datasheet
288Kb / 11P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD1304DG TOSHIBA-TCD1304DG Datasheet
491Kb / 15P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com