Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQV225NSZ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AQV225NSZ
Description  RF (Radio Frequency) Type SOP Series [1-Channel (Form A) Type] Low On resistance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AQV225NSZ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AQV225NSZ Datasheet HTML 1Page - List of Unclassifed Manufacturers AQV225NSZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AQV225NSZ Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
149
1
2
3
6
5
4
RF (Radio Frequency) Type
SOP Series
[1-Channel (Form A) Type]
—Low On resistance—
mm inch
6.3
±0.2
.248
±.008
4.4
±0.2
.173
±.008
2.1
±0.2
.083
±.008
FEATURES
1. 1-channel (Form A) in super minia-
ture design
The device comes in a super-miniature
SO package measuring (W) 4.4
× (L) 6.3
×(H) 2.1 mm (W).173× (L) .248× (H) .083
inch —approx. 25% of the volume and
50% of the footprint size of DIP type Pho-
toMOS Relays.
2. Low capacitance between output
terminals ensure high response
speed:
The capacitance between output termi-
nals is small, typically 10 pF. This enables
for a fast operation speed of 200
µs.
3. Low-level off state leakage current:
The SSR has an off state leakage current
of several milliamperes, whereas the Pho-
Volume
(SOP)
(DIP)
Approx. 25%
Footprint
Approx. 50%
toMOS relay has only 30 pA even with the
rated load voltage of 80 V (AQV225NS).
4. Controls low-level analog signals
PhotoMOS relays feature extremely low
closed-circuit offset voltage to enable
control of low-level analog signals without
distortion.
5. Tape and reel
The device comes standard in a tape and
reel (1,000 pcs./reel) to facilitate automat-
ic insertion machines.
TYPICAL APPLICATIONS
• Telephones
• Measuring instruments
• Computer
• Industrial robots
• High-speed inspection machines
TYPES
1. AC/DC type
*Indicate the peak AC and DC values.
Notes: (1) Tape package is the standard packing style. Also available in tube. (Part No. suffix "X" or "Z" is not needed when ordering; Tube: 75 pcs.;
Case: 1,500 pcs.)
(2) For space reasons, the top two letters of the product number "AQ" are omitted on the product seal. The package type indicator "X" and "Z"
are also omitted from the seal. (Ex. the label for product number AQV224NS is V224NS).
Output rating*
Part No.
Packing quantity in tape and reel
Picked from the 1/2/3-pin side
Picked from the 4/5/6-pin side
Load voltage
Load current
1 Form A
1 Form A
80 V
120 mA
AQV225NSX
AQV225NSZ
1,000 pcs.
200 V
50 mA
AQV227NSX
AQV227NSZ
400 V
40 mA
AQV224NSX
AQV224NSZ
RATING
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
Item
Symbol
Type of
connec-
tion
AQV225NS
AQV227NS
AQV224NS
Remarks
Input
LED forward current
IF
50 mA
LED reverse voltage
VR
3 V
Peak forward current
IFP
1 A
f = 100 Hz, Duty factor = 0.1%
Power dissipation
Pin
75 mW
Output
Load voltage (peak AC)
VL
80 V
200 V
400 V
Continuous load current
IL
A
0.12 A
0.05 A
0.04 A
A connection: Peak AC, DC
B, C connection: DC
B
0.15 A
0.06 A
0.05 A
C
0.25 A
0.08 A
0.06 A
Peak load current
Ipeak
0.36 A
0.15 A
0.12 A
A connection: 100 ms (1 shot),
VL = DC
Power dissipation
Pout
450 mW
Total power dissipation
PT
500 mW
I/O isolation voltage
Viso
1,500 V AC
Temperature
limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at low
temperatures
Storage
Tstg
–40
°C to +100°C –40°F to +212°F
PhotoMOS
RELAYS


Similar Part No. - AQV225NSZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQV225N ETC-AQV225N Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
More results

Similar Description - AQV225NSZ

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQW227N NAIS-AQW227N Datasheet
61Kb / 3P
   RF (Radio Frequency) Type [2-Channel (Form A) Type] - Low On resistance-
AQS225 NAIS-AQS225 Datasheet
44Kb / 3P
   RF (Radio Frequency) Type SOP Series 4-Channel (Form A) 16-pin Type
AQV212S NAIS-AQV212S Datasheet
44Kb / 3P
   GU (General Use) Type SOP Series [1-Channel (Form A) Type]
AQY210 NAIS-AQY210 Datasheet
37Kb / 3P
   GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type
AQY272 NAIS-AQY272 Datasheet
52Kb / 4P
   PD Type 1- channel (Form A) Type
AQY14 NAIS-AQY14 Datasheet
45Kb / 3P
   GU (General Use) Type SOP Series 1- Channel (Form B) 4-Pin Type
AQY210LS NAIS-AQY210LS Datasheet
43Kb / 3P
   GU (General Use) Type SOP Series 1-Channel (Form A) Current Limit Function 4-Pin Type
AQV221 NAIS-AQV221 Datasheet
55Kb / 4P
   RF (Radio Frequency) Type Low C and R
AQV101 NAIS-AQV101 Datasheet
60Kb / 5P
   HF (High Function) Type [1-Channel (Form A) Type]
AQV234 NAIS-AQV234 Datasheet
48Kb / 3P
   HS (High Sensitivity) Type [1-Channel (Form A) Type]
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com