Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE662M04-T2 Datasheet(PDF) 9 Page - NEC

Part # NE662M04-T2
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE662M04-T2 Datasheet(HTML) 9 Page - NEC

Back Button NE662M04-T2 Datasheet HTML 2Page - NEC NE662M04-T2 Datasheet HTML 3Page - NEC NE662M04-T2 Datasheet HTML 4Page - NEC NE662M04-T2 Datasheet HTML 5Page - NEC NE662M04-T2 Datasheet HTML 6Page - NEC NE662M04-T2 Datasheet HTML 7Page - NEC NE662M04-T2 Datasheet HTML 8Page - NEC NE662M04-T2 Datasheet HTML 9Page - NEC NE662M04-T2 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.10
0.478
-21.17
30.628
164.59
0.008
77.90
0.920
-18.24
0.27
35.8
0.50
0.420
-95.65
20.411
122.80
0.027
55.26
0.608
-50.41
0.54
28.8
1.00
0.377
-140.33
12.654
96.57
0.039
50.55
0.413
-66.91
0.81
25.1
1.50
0.361
-167.18
8.963
79.99
0.051
48.74
0.338
-75.34
0.96
22.5
2.00
0.356
173.00
6.924
66.76
0.063
45.98
0.304
-82.29
1.03
19.4
2.50
0.356
155.15
5.625
54.91
0.075
42.06
0.287
-89.18
1.08
17.1
3.00
0.366
139.53
4.733
43.94
0.087
37.36
0.276
-96.76
1.10
15.4
3.50
0.383
125.38
4.086
33.53
0.098
32.17
0.268
-105.14
1.12
14.1
4.00
0.405
112.90
3.595
23.51
0.109
26.52
0.265
-114.14
1.12
13.1
4.50
0.429
101.89
3.211
13.68
0.120
20.61
0.266
-123.63
1.12
12.2
5.00
0.449
91.80
2.900
4.06
0.129
14.46
0.271
-132.09
1.11
11.5
5.50
0.464
82.65
2.645
-5.30
0.138
8.45
0.278
-139.34
1.11
10.8
6.00
0.474
73.73
2.438
-14.52
0.147
2.28
0.285
-145.15
1.10
10.2
6.50
0.485
64.85
2.260
-23.66
0.155
-4.15
0.291
-150.18
1.10
9.7
7.00
0.498
55.95
2.109
-32.75
0.163
-10.60
0.287
-154.60
1.09
9.2
7.50
0.514
47.03
1.978
-41.81
0.170
-17.22
0.279
-158.90
1.09
8.8
8.00
0.533
38.18
1.861
-50.95
0.176
-23.96
0.262
-162.87
1.09
8.4
8.50
0.558
29.93
1.755
-60.07
0.181
-30.61
0.244
-168.45
1.09
8.1
9.00
0.586
22.10
1.658
-69.20
0.186
-37.43
0.224
-175.58
1.07
7.8
9.50
0.616
14.75
1.568
-78.26
0.190
-44.07
0.206
176.14
1.06
7.7
10.00
0.643
8.23
1.489
-87.24
0.194
-50.92
0.191
167.23
1.04
7.6
10.50
0.669
1.93
1.415
-96.42
0.196
-57.75
0.178
158.39
1.02
7.7
11.00
0.691
-4.15
1.347
-105.57
0.198
-64.56
0.166
151.79
1.00
8.2
11.50
0.709
-10.52
1.286
-114.82
0.200
-71.54
0.153
147.66
0.99
8.1
12.00
0.725
-17.06
1.229
-124.30
0.201
-78.71
0.135
147.52
0.98
7.9
12.50
0.746
-23.83
1.172
-133.88
0.202
-85.96
0.110
151.92
0.97
7.6
13.00
0.766
-31.30
1.115
-143.85
0.200
-93.76
0.084
160.86
0.97
7.5
13.50
0.787
-39.12
1.055
-153.89
0.196
-101.42
0.066
-176.40
0.98
7.3
14.00
0.809
-46.23
0.996
-163.89
0.191
-108.56
0.063
-144.57
0.99
7.2
14.50
0.829
-53.03
0.936
-173.90
0.186
-115.98
0.078
-121.33
1.00
6.6
15.00
0.847
-59.39
0.879
176.00
0.180
-123.53
0.102
-112.73
1.02
6.0
15.50
0.864
-65.18
0.828
165.89
0.173
-130.77
0.122
-114.28
1.03
5.8
16.00
0.875
-71.13
0.779
155.45
0.166
-138.24
0.141
-119.68
1.06
5.2
16.50
0.879
-77.09
0.731
144.58
0.158
-146.13
0.160
-127.09
1.14
4.4
17.00
0.885
-82.91
0.681
133.70
0.148
-153.64
0.188
-133.94
1.24
3.7
17.50
0.888
-89.06
0.633
122.64
0.137
-160.49
0.225
-141.26
1.40
2.9
18.00
0.887
-95.33
0.595
112.04
0.129
-167.16
0.263
-146.76
1.56
2.2
Note:
1. Gain Calculations:
NE662M04
VDS = 2 V, IDS = 20 mA
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K ≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
NE662M04
j50
j25
j10
10
0
-j10
-j25
-j50
-j100
j100
0
S22
18 GHz
S22
0.1 GHz
50
S11
0.1 GHz
S11
18 GHz
25
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
S21
0.1 GHz
S21
18 GHz
S12
0.1 GHz
S12
18 GHz
TYPICAL SCATTERING PARAMETERS (TA = 25°C)


Similar Part No. - NE662M04-T2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE662M04-T2 CEL-NE662M04-T2 Datasheet
420Kb / 11P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
NE662M04-T2-A CEL-NE662M04-T2-A Datasheet
420Kb / 11P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE662M04-T2

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com