Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV160BBMI-70 Datasheet(PDF) 10 Page - Macronix International

Part # MX29LV160BBMI-70
Description  16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV160BBMI-70 Datasheet(HTML) 10 Page - Macronix International

Back Button MX29LV160BBMI-70 Datasheet HTML 6Page - Macronix International MX29LV160BBMI-70 Datasheet HTML 7Page - Macronix International MX29LV160BBMI-70 Datasheet HTML 8Page - Macronix International MX29LV160BBMI-70 Datasheet HTML 9Page - Macronix International MX29LV160BBMI-70 Datasheet HTML 10Page - Macronix International MX29LV160BBMI-70 Datasheet HTML 11Page - Macronix International MX29LV160BBMI-70 Datasheet HTML 12Page - Macronix International MX29LV160BBMI-70 Datasheet HTML 13Page - Macronix International MX29LV160BBMI-70 Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
10
P/N:PM1041
MX29LV160BT/BB
REV. 1.2, JUL. 01, 2004
R
in the improper sequence will reset the device to the
read mode. Table 5 defines the valid register command
sequences. Note that the Erase Suspend (B0H) and
Erase Resume (30H) commands are valid only while the
Sector Erase operation is in progress.
COMMAND DEFINITIONS
Device operations are selected by writing specific ad-
dress and data sequences into the command register.
Writing incorrect address and data values or writing them
First Bus
Second Bus
Third Bus
Fourth Bus
Fifth Bus
Sixth Bus
Command
Bus
Cycle
Cycle
Cycle
Cycle
Cycle
Cycle
Cycle Addr
Data Addr
Data
Addr
Data Addr
Data
Addr
Data Addr
Data
Reset
1
XXXH F0H
Read
1
RA
RD
Read Silicon ID
Word
4
555H AAH 2AAH
55H
555H
90H ADI
DDI
Byte
4
AAAH AAH 555H
55H
AAAH
90H ADI
DDI
Sector Protect
Word
4
555H AAH 2AAH
55H
555H
90H (SA)
XX00H
Verify
x02H
XX01H
Byte
4
AAAH AAH 555H
55H
AAAH
90H (SA)
00H
x04H
01H
Program
Word
4
555H AAH 2AAH
55H
555H
A0H PA
PD
Byte
4
AAAH AAH 555H
55H
AAAH
A0H PA
PD
Chip Erase
Word
6
555H AAH 2AAH
55H
555H
80H 555H
AAH
2AAH 55H
555H 10H
Byte
6
AAAH AAH 555H
55H
AAAH
80H AAAH AAH
555H
55H
AAAH 10H
Sector Erase
Word
6
555H AAH 2AAH
55H
555H
80H 555H
AAH
2AAH 55H
SA
30H
Byte
6
AAAH AAH 555H
55H
AAAH
80H AAAH AAH
555H
55H
SA
30H
Sector Erase Suspend
1
XXXH B0H
Sector Erase Resume
1
XXXH 30H
CFI Query
Word
1
55H
98
Byte
AAH
TABLE 5. MX29LV160BT/BB COMMAND DEFINITIONS
Note:
1. ADI = Address of Device identifier; A1=0, A0 = 0 for manufacturer code,A1=0, A0 = 1 for device code. A2-A19=do not care.
(Refer to table 3)
DDI = Data of Device identifier : C2H for manufacture code, C4H/49H (x8) and 22C4H/2249H (x16) for device code.
X = X can be VIL or VIH
RA=Address of memory location to be read. RD=Data to be read at location RA.
2.PA = Address of memory location to be programmed. PD = Data to be programmed at location PA.
SA = Address of the sector to be erased.
3.The system should generate the following address patterns: 555H or 2AAH to Address A10~A0 in word mode/AAAH or
555H to Address A10~A-1 in byte mode.
Address bit A11~A19=X=Don't care for all address commands except for Program Address (PA) and Sector
Address (SA). Write Sequence may be initiated with A11~A19 in either state.
4. For Sector Protect Verify operation: If read out data is 01H, it means the sector has been protected. If read out data is 00H,
it means the sector is still not being protected.
5. Any number of CFI data read cycles are permitted.


Similar Part No. - MX29LV160BBMI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV160B MCNIX-MX29LV160B Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BMC-70 MCNIX-MX29LV160BMC-70 Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BMC-90 MCNIX-MX29LV160BMC-90 Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BTC-70 MCNIX-MX29LV160BTC-70 Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BTC-90 MCNIX-MX29LV160BTC-90 Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV160BBMI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160AT MCNIX-MX29LV160AT Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV160AT MCNIX-MX26LV160AT Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160 MCNIX-MX26LV160 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX28F160C3T MCNIX-MX28F160C3T Datasheet
417Kb / 44P
   16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV017A ETC1-MX29LV017A Datasheet
629Kb / 57P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE
logo
Elite Semiconductor Mem...
F25L016A ESMT-F25L016A_08 Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com