Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N28S Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # 4N28S
Description  GENERAL PURPOSE TYPE PHOTOCOUPLER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

4N28S Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  4N28S Datasheet HTML 1Page - Lite-On Technology Corporation 4N28S Datasheet HTML 2Page - Lite-On Technology Corporation 4N28S Datasheet HTML 3Page - Lite-On Technology Corporation 4N28S Datasheet HTML 4Page - Lite-On Technology Corporation 4N28S Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
12-28
General Purpose Type
General Purpose Type
General Purpose Type
General Purpose Type
General Purpose Type
Photocoupler
Photocoupler
Photocoupler
Photocoupler
Photocoupler
LTV-4N25 Series/LTV-4N26 Series
LTV-4N27 Series/LTV-4N28 Series
4N25 Series/4N26 Series/4N27 Series/4N28 Series
Features
Response Time
(tr : TYP,3
s at VCE=10V, IC=2mA, RL=100
)
UL approved (No. E113898)
TUV approved (No.R9653630)
CSA approved (No. CA91533-1)
FIMKO approved (No. 193422)
NEMKO approved (No. P96103013)
DEMKO approved (No. 303985)
SEMKO approved (No. 9646047/01-30)
VDE approved (No. 094722 )
Options available :
-Leads with 0.4"(10.16mm)spacing (M Type)
-Leads bends for surface mounting(S Type)
-Tape and Reel of Type I for SMD(Add"-TA"Suffix)
-Tape and Reel of Type II for SMD(Add"-TA1"Suffix)
-VDE 0884 approvals (Add"-V"Suffix)
Applications
1. I/O interfaces for computers.
2. System appliances, measuring instruments.
3. Signal transmission between circuits of different poten-
tials and impedances.
Note:
1.Year date code.
2. 2-digit work week.
3. Factory code shall be marked (Z : Taiwan, Y : Thailand).
4. Model No. : LTV4N25 ; LTV4N26 ; LTV4N27 ; LTV4N28
; 4N25 ; 4N26 ; 4N27 ; 4N28.
5. All dimensions are in millimeters (inches).
6. Tolerance is
0.25mm (.010 ) unless otherwise noted.
7. Specifications are subject to change without notice.
Package Dimensions


Similar Part No. - 4N28S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N28S FAIRCHILD-4N28S Datasheet
608Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N28S FAIRCHILD-4N28S Datasheet
210Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Everlight Electronics C...
4N28S(TA)-V EVERLIGHT-4N28S(TA)-V Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
4N28S(TB)-V EVERLIGHT-4N28S(TB)-V Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
logo
Fairchild Semiconductor
4N28S-M FAIRCHILD-4N28S-M Datasheet
608Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - 4N28S

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N135 SHARP-6N135 Datasheet
72Kb / 5P
   General Purpose Type Photocoupler
logo
COSMO Electronics Corp...
KPC6N135H COSMO-KPC6N135H Datasheet
176Kb / 5P
   General Purpose Type Photocoupler
KPC6N135 COSMO-KPC6N135_12 Datasheet
173Kb / 5P
   General Purpose Type Photocoupler
logo
Sharp Corporation
PC4N35V SHARP-PC4N35V Datasheet
148Kb / 4P
   GENERAL PURPOSE TYPE PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPC6N138H COSMO-KPC6N138H Datasheet
157Kb / 7P
   General Purpose Type Photocoupler
KPC6N136H COSMO-KPC6N136H Datasheet
173Kb / 5P
   General Purpose Type Photocoupler
KPC6N136S COSMO-KPC6N136S Datasheet
178Kb / 5P
   General Purpose Type Photocoupler
KPC6N139H COSMO-KPC6N139H Datasheet
172Kb / 5P
   General Purpose Type Photocoupler
KPC6N136 COSMO-KPC6N136_12 Datasheet
173Kb / 5P
   General Purpose Type Photocoupler
KPC6N139S COSMO-KPC6N139S Datasheet
172Kb / 5P
   General Purpose Type Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com