Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT3198-Y Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT3198-Y
Description  8mm LED LAMP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT3198-Y Datasheet(HTML) 1 Page - Marktech Corporate

  MT3198-Y Datasheet HTML 1Page - Marktech Corporate MT3198-Y Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - MT3198-Y

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT3194-Y MARKTECH-MT3194-Y Datasheet
136Kb / 2P
   1X5 RECTANGULAR LED LAMPS
MT3195-Y MARKTECH-MT3195-Y Datasheet
137Kb / 2P
   CYLINDRICAL LED LAMPS
MT3195-Y-A MARKTECH-MT3195-Y-A Datasheet
137Kb / 6P
   4.7mm CYLINDRIC LED LAMP
MT3197-Y-A MARKTECH-MT3197-Y-A Datasheet
176Kb / 3P
   Standard LEDs
More results

Similar Description - MT3198-Y

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP793GD KINGBRIGHT-WP793GD Datasheet
260Kb / 6P
   8mm ROUND LED LAMP
WP793SRC-E KINGBRIGHT-WP793SRC-E Datasheet
261Kb / 6P
   8mm ROUND LED LAMP
WP793SRC-D KINGBRIGHT-WP793SRC-D_15 Datasheet
316Kb / 6P
   8mm ROUND LED LAMP
WP793SRD-D KINGBRIGHT-WP793SRD-D_15 Datasheet
316Kb / 6P
   8mm ROUND LED LAMP
WP793SRD-E KINGBRIGHT-WP793SRD-E_15 Datasheet
316Kb / 6P
   8mm ROUND LED LAMP
WP793SRD-H KINGBRIGHT-WP793SRD-H Datasheet
261Kb / 6P
   8mm ROUND LED LAMP
L-796BSRC-B KINGBRIGHT-L-796BSRC-B Datasheet
92Kb / 3P
   8mm BLINKING LED LAMP
logo
SunLED Corporation
LM2BG81W SUNLED-LM2BG81W Datasheet
180Kb / 4P
   8mm ROUND LED LAMP
logo
Kingbright Corporation
L-793ID KINGBRIGHT-L-793ID Datasheet
61Kb / 3P
   8mm ROUND LED LAMP
WP793SRD-G KINGBRIGHT-WP793SRD-G Datasheet
261Kb / 6P
   8mm ROUND LED LAMP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com