Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-4N27S-TA1 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTV-4N27S-TA1
Description  GENERAL PURPOSE TYPE PHOTOCOUPLER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-4N27S-TA1 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTV-4N27S-TA1 Datasheet HTML 1Page - Lite-On Technology Corporation LTV-4N27S-TA1 Datasheet HTML 2Page - Lite-On Technology Corporation LTV-4N27S-TA1 Datasheet HTML 3Page - Lite-On Technology Corporation LTV-4N27S-TA1 Datasheet HTML 4Page - Lite-On Technology Corporation LTV-4N27S-TA1 Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
12-30
Absolute Maximum Ratings
(Ta=25
)
Parameter
Symbol
Rating
Unit
Input
Output
Total Power Dissipation
*1.Isolation Voltage
Operating Temperature
Storage Temperature
*2.Soldering Temperature
Forward Current
Reverse Voltage
Power Dissipation
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Collector Voltage
Collector Current
Collector Power Dissipation
4N25
4N26
4N27
4N28
IF
VR
P
VCEO
VCBO
VECO
IC
PC
Ptot
Viso
Topr
Tstg
Tsol
80
6
150
30
70
7
100
150
250
2,500
1,500
1,500
500
-55~+100
-55~+150
260
mA
V
mW
V
V
V
mA
mW
mW
Vrms
*1. AC for 1 minute, R.H. = 40 ~ 60%
Isolation voltage shall be measured using the following method.
(1)Short between anode and cathode on the primary side and between collector, emitter and base on the secondary side.
(2)The isolation voltage tester with zero-cross circuit shall be used.
(3)The waveform of applied volttage shall be a sine wave.
*2. For 10 seconds.
Electrical/Optical Characteristics
(Ta=25
)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward Voltage
Reverse Current
Terminal Capacitance
Collector
Dark Current
Collector-Emitter
Breakdown Voltage
Emitter-Collector
Breakdown Voltage
Collector-Base
Breakdown Voltage
Collector
Current
*1 Current
Transfer Ratio
Collector-emitter
Saturation Voltage
Isolation Resistance
Floating Capacitance
Response Time (Rise)
Response Time (Fall)
4N25/26/27
4N28
4N25/26
4N27/28
4N25/26
4N27/28
VF
IR
Ct
ICEO
BVCEO
BVECO
BVCBO
IC
CTR
VCE(sat)
RISO
Cf
tr
tf
30
7
70
2
1
20
10
5
1010
1.2
50
0.1
1
1011
1.0
3
3
1.5
10
50
100
0.5
V
A
pF
nA
V
V
V
mA
%
V
pF
s
s
IF=10mA
VR=4V
V=0, f=1kHz
VCE=10V
IC=0.1mA
IE=10
A
IC=0.1mA
*1. CTR=
100%
IC
IF
IF=10mA
VCE=10V
IF=10mA
VCE=10V
IF=50mA, IC=2mA
DC500V, 40~60% R.H.
V=0, f=1MHz
VCE=10V, RBE=
RL=100
, IC=2mA


Similar Part No. - LTV-4N27S-TA1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-4N25M LITEON-LTV-4N25M Datasheet
270Kb / 9P
   Property of Lite-On Only
LTV-4N25S LITEON-LTV-4N25S Datasheet
270Kb / 9P
   Property of Lite-On Only
LTV-4N25S-TA LITEON-LTV-4N25S-TA Datasheet
270Kb / 9P
   Property of Lite-On Only
LTV-4N25S-TAI LITEON-LTV-4N25S-TAI Datasheet
270Kb / 9P
   Property of Lite-On Only
LTV-4N26M LITEON-LTV-4N26M Datasheet
270Kb / 9P
   Property of Lite-On Only
More results

Similar Description - LTV-4N27S-TA1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N135 SHARP-6N135 Datasheet
72Kb / 5P
   General Purpose Type Photocoupler
logo
COSMO Electronics Corp...
KPC6N135H COSMO-KPC6N135H Datasheet
176Kb / 5P
   General Purpose Type Photocoupler
KPC6N135 COSMO-KPC6N135_12 Datasheet
173Kb / 5P
   General Purpose Type Photocoupler
logo
Sharp Corporation
PC4N35V SHARP-PC4N35V Datasheet
148Kb / 4P
   GENERAL PURPOSE TYPE PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPC6N138H COSMO-KPC6N138H Datasheet
157Kb / 7P
   General Purpose Type Photocoupler
KPC6N136H COSMO-KPC6N136H Datasheet
173Kb / 5P
   General Purpose Type Photocoupler
KPC6N136S COSMO-KPC6N136S Datasheet
178Kb / 5P
   General Purpose Type Photocoupler
KPC6N139H COSMO-KPC6N139H Datasheet
172Kb / 5P
   General Purpose Type Photocoupler
KPC6N136 COSMO-KPC6N136_12 Datasheet
173Kb / 5P
   General Purpose Type Photocoupler
KPC6N139S COSMO-KPC6N139S Datasheet
172Kb / 5P
   General Purpose Type Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com