Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78M612ACP Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM78M612ACP
Description  Universal Serial Bus Microcontroller Series
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78M612ACP Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM78M612ACP Datasheet HTML 1Page - ELAN Microelectronics Corp EM78M612ACP Datasheet HTML 2Page - ELAN Microelectronics Corp EM78M612ACP Datasheet HTML 3Page - ELAN Microelectronics Corp EM78M612ACP Datasheet HTML 4Page - ELAN Microelectronics Corp EM78M612ACP Datasheet HTML 5Page - ELAN Microelectronics Corp EM78M612ACP Datasheet HTML 6Page - ELAN Microelectronics Corp EM78M612ACP Datasheet HTML 7Page - ELAN Microelectronics Corp EM78M612ACP Datasheet HTML 8Page - ELAN Microelectronics Corp EM78M612ACP Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
EM78M612
Universal Serial Bus Microcontroller Series
This specification may change without further notice.
2004/4/28 V1.1
4
4 ADC conversion rates: 256K/128K/64K/32K
Built-in 3.3V Voltage Regulator
For MCU power supply
Pull-up source for the external USB resistor on D-pin.
Package Type
16 pin PDIP/SOP (EM78M612(A/B/C/D) A P/M)
18 pin PDIP/SOP (EM78M612(A/B/C/D) B P/M)
20 pin PDIP/SOP (EM78M612(A/B/C/D) C P/M)
20 pin SSOP (EM78M612(A/B/C/D) EM)
24 pin PDIP/SOP (EM78M612(A/B/C/D) D P/M)
24 pin SSOP (EM78M612(A/B/C/D) FM)
3 Type Definition
The EM78M612 series has sereval types of packaging. Each type is divided into 4 modules,
namely; original, with E2PROM, with A/D converter, and with both E2PROM and A/D
converter. Hence, packaging configuration for each series is defined. The Table 3.1 below
summarizes which series of the EM78M612 belong to which module.
Original
With E
2PROM
With A/D
Converter
With Both
EM78M612A**
EM78M612B**
EM78M612C**
EM78M612D**
Table 3-1 Packaging Summary of EM78M612 Series IC


Similar Part No. - EM78M612ACP

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78M611 EMC-EM78M611 Datasheet
955Kb / 38P
   Universal Serial Bus Microcontroller Series
EM78M611 EMC-EM78M611 Datasheet
805Kb / 38P
   USB & PS/2 Keyboard Encoder
EM78M611E EMC-EM78M611E Datasheet
620Kb / 44P
   Universal Serial Bus Series Microcontroller
More results

Similar Description - EM78M612ACP

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78611 EMC-EM78611 Datasheet
752Kb / 26P
   Universal Serial Bus Microcontroller Series
EM78M611E EMC-EM78M611E Datasheet
620Kb / 44P
   Universal Serial Bus Series Microcontroller
EM78M611 EMC-EM78M611 Datasheet
955Kb / 38P
   Universal Serial Bus Microcontroller Series
logo
Cypress Semiconductor
CY7C63001C CYPRESS-CY7C63001C Datasheet
1Mb / 28P
   Universal Serial Bus Microcontroller
logo
Intel Corporation
X930A INTEL-X930A Datasheet
283Kb / 38P
   UNIVERSAL SERIAL BUS MICROCONTROLLER
logo
Cypress Semiconductor
CY7C63000 CYPRESS-CY7C63000 Datasheet
358Kb / 27P
   Universal Serial Bus Microcontroller
CY7C63101A CYPRESS-CY7C63101A Datasheet
293Kb / 31P
   Universal Serial Bus Microcontroller
CY7C63001A CYPRESS-CY7C63001A_04 Datasheet
496Kb / 25P
   Universal Serial Bus Microcontroller
logo
ELAN Microelectronics C...
EM78612 EMC-EM78612 Datasheet
158Kb / 28P
   Universal Serial Bus Microcontroller
logo
Intel Corporation
8X930AX INTEL-8X930AX Datasheet
283Kb / 38P
   UNIVERSAL SERIAL BUS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com