Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3836 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB3836
Description  Li-Ion Battery Protection IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3836 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB3836 Datasheet HTML 1Page - Fujitsu Component Limited. MB3836 Datasheet HTML 2Page - Fujitsu Component Limited. MB3836 Datasheet HTML 3Page - Fujitsu Component Limited. MB3836 Datasheet HTML 4Page - Fujitsu Component Limited. MB3836 Datasheet HTML 5Page - Fujitsu Component Limited. MB3836 Datasheet HTML 6Page - Fujitsu Component Limited. MB3836 Datasheet HTML 7Page - Fujitsu Component Limited. MB3836 Datasheet HTML 8Page - Fujitsu Component Limited. MB3836 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
MB3836
5
s ABSOLUTE MAXIMUM RATINGS
* : When mounted on a 10 cm square double-sided epoxy board.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Conditions
Rating
Unit
Min
Max
Power supply voltage
VCC

20
V
Input voltage
VI
BATH, OCV, PDWN, OUTON, PF,
MSW1, MSW2 terminals
20
V
Collector output voltage
VO
COUT terminal
25
V
Output current
IO
DOUT, COUT terminals (DC)
2mA
Peak output current
IO
DOUT, COUT terminals
Duty
= tON / t
2
/ Duty
mA
Power dissipation
PD
Ta
≤ + 25 °C
540 *
mW
Operating temperature
Ta
−30
+ 85
°C
Storage temperature
Tstg
−55
+ 125
°C
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Power supply voltage
VCC
6.0
12.6
13.5
V
Input voltage
VI
OCV, PDWN, OUTON,
MSW1, MSW2 terminals
0
18
V
Output current
IO
VS terminal
−10
0mA
External OCV terminal resistor
ROCV

10
Capacitor for setting delay time
COVT
220
10000
pF
CUVT
0.001
0.15
µF
CPDT
0.001
1.5
µF
COCT
220
560
pF


Similar Part No. - MB3836

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3832A FUJITSU-MB3832A Datasheet
219Kb / 23P
   DC/DC Converter IC for Charging
MB3832A FUJITSU-MB3832A Datasheet
216Kb / 24P
   DC/DC Converter IC for Charging
MB3832APFV FUJITSU-MB3832APFV Datasheet
219Kb / 23P
   DC/DC Converter IC for Charging
MB3832APFV FUJITSU-MB3832APFV Datasheet
216Kb / 24P
   DC/DC Converter IC for Charging
MB3832A FUJITSU-MB3832A_03 Datasheet
216Kb / 24P
   DC/DC Converter IC for Charging
More results

Similar Description - MB3836

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB244A UTC-UB244A_15 Datasheet
179Kb / 11P
   LI-ION BATTERY PROTECTION IC
logo
Mitsumi Electronics, Co...
MM3721 MITSUMI-MM3721 Datasheet
49Kb / 3P
   1cell Li-ion/Li-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5411 HMSEMI-HM5411 Datasheet
1Mb / 14P
   1 Li-ion/Li-polymer battery protection IC
logo
Mitsumi Electronics, Co...
MM3724 MITSUMI-MM3724 Datasheet
48Kb / 3P
   1cell Li-ion/Li-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5410 HMSEMI-HM5410 Datasheet
1Mb / 12P
   1 Li-ion/Li-polymer battery protection IC
logo
Mitsumi Electronics, Co...
ME01 MITSUMI-ME01 Datasheet
54Kb / 3P
   1cell Li-ion/Li-polymer battery protection IC
MM3722 MITSUMI-MM3722 Datasheet
49Kb / 3P
   1cell Li-ion/Li-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5413 HMSEMI-HM5413 Datasheet
2Mb / 22P
   1 Li-ion/Li-polymer battery protection IC
logo
Mitsumi Electronics, Co...
MD1421EXXCPAL MITSUMI-MD1421EXXCPAL Datasheet
48Kb / 3P
   1cell Li-ion/Li-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5416 HMSEMI-HM5416 Datasheet
2Mb / 26P
   1 Li-ion/Li-polymer battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com