Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90337PFM Datasheet(PDF) 7 Page - Fuji Electric

Part # MB90337PFM
Description  16-bit Proprietary Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MB90337PFM Datasheet(HTML) 7 Page - Fuji Electric

Back Button MB90337PFM Datasheet HTML 3Page - Fuji Electric MB90337PFM Datasheet HTML 4Page - Fuji Electric MB90337PFM Datasheet HTML 5Page - Fuji Electric MB90337PFM Datasheet HTML 6Page - Fuji Electric MB90337PFM Datasheet HTML 7Page - Fuji Electric MB90337PFM Datasheet HTML 8Page - Fuji Electric MB90337PFM Datasheet HTML 9Page - Fuji Electric MB90337PFM Datasheet HTML 10Page - Fuji Electric MB90337PFM Datasheet HTML 11Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
MB90335 Series
7
(Continued)
* : For circuit information, see “s I/O CIRCUIT TYPE”.
Pin no.
Pin name
Circuit
type*
Status at
reset/
function
Function
QFPM09
54, 55
P60, P61
C
Port input
(High-Z)
General purpose input/output port. (withstand voltage of 5 V)
INT0, INT1
Functions as the input pin for external interrupt ch0 and ch1.
56
P62
C
General purpose input/output port. (withstand voltage of 5 V)
INT2
Functions as the input pin for external interrupt ch2.
SIN
Data input pin for simple serial IO.
57
P63
C
General purpose input/output port. (withstand voltage of 5 V)
INT3
Functions as the input pin for external interrupt ch3.
SOT
Data output pin for simple serial IO
58
P64
C
General purpose input/output port. (withstand voltage of 5 V)
INT4
Functions as the input pin for external interrupt ch4.
SCK
Clock I/O pin for simple serial IO.
59
P65
C
General purpose input/output port. (withstand voltage of 5 V)
INT5
Functions as the input pin for external interrupt ch5.
PWC
Functions as the PWC input pin.
60
P66
C
General purpose input/output port.
INT6
Functions as the input pin for external interrupt ch6.
SCL0
Functions as the input/output pin for I2C interface clock. The port
output must be placed in High-Z state during I2C interface
operation.
61
P67
C
General purpose input/output port.
INT7
Functions as the input pin for external interrupt ch7.
SDA0
Functions as the I2C interface data input/output pin. The port out-
put must be placed in High-Z state during I2C interface operation.
1
VBUS
C
VBUS input Status detection pin of USB cable.
3DVM
J
USB input
(SUSPEND)
USB function D
− pin.
4
DVP
J
USB function D
+ pin.
7
HVM
J
USB Mini Host D
− pin.
8
HVP
J
USB Mini Host D
+ pin.
10
HCONX
E
High output External pull-up resistor connection pin.
21, 22
MD1, MD0
B
Mode input
Pin
Input pin for selecting operation mode.
20
MD2
G
5Vcc
Power
supply
Power supply pin.
9Vcc
Power supply pin.
49
Vcc
Power supply pin.
2Vss
Power supply pin (GND).
6Vss
Power supply pin (GND).
19
Vss
Power supply pin (GND).
48
Vss
Power supply pin (GND).
Preliminary
2004.01.09


Similar Part No. - MB90337PFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90337PMC FUJITSU-MB90337PMC Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90337PMC FUJITSU-MB90337PMC Datasheet
284Kb / 48P
   16-bit microcontrollers
More results

Similar Description - MB90337PFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com