Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD9822 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRD9822
Description  3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD9822 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRD9822 Datasheet HTML 6Page - Exar Corporation XRD9822 Datasheet HTML 7Page - Exar Corporation XRD9822 Datasheet HTML 8Page - Exar Corporation XRD9822 Datasheet HTML 9Page - Exar Corporation XRD9822 Datasheet HTML 10Page - Exar Corporation XRD9822 Datasheet HTML 11Page - Exar Corporation XRD9822 Datasheet HTML 12Page - Exar Corporation XRD9822 Datasheet HTML 13Page - Exar Corporation XRD9822 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
;5'
3UHOLPLQDU\
5HY 
5HY 3 

$ $ $
3% 3% 3%
3%
3%
3%
3%
3%
$GGUHVV
 0X[ 6HOHFW
$' 0X[
6HOHFW
7HVW 0RGH (Q
DEOH
$' ([WHUQDO
5HIHUHQFH
6OHHS 0RGH
5HDGEDFN
0RGH

 &KDQQHO 
 &KDQQHO 
 &KDQQHO 
 &KDQQHO 
 &KDQQHO 
 &KDQQHO 
 &KDQQHO 
,I 3% 
 ,QWHUQDO
5HIHUHQFH
,I 3% 
 5HJLVWHU
5HVHW
  $'
,QSXW
IURP
3*$
  $'
LQSXW
IURP

0X[
  7HVW 0RGH
'LVDEOHG
  7HVW 0RGH
(QDEOHG
  $' XVHV
LQWHUQDO
UHIHUHQFH
  $' XVHV
H[WHUQDO
UHIHUHQFH
  $OO FLUFXLWV
DFWLYH
  /RZ
3RZHU0RGH
  $'
GLJLWDO
RXWSXW
  3% 3%
$$
VHOHFW
UHJLVWHU
GDWD 
7DEOH  &RQILJXUDWLRQ 5HJLVWHU  'HILQLWLRQ 3RZHU 8S 6WDWH LV K
$ $ $
)XQFWLRQ
3%
3%
3%
3%
3%
3%
3%
3%

5HG *DLQ
06%
/6%

*UHHQ *DLQ
06%
/6%

%OXH *DLQ
06%
/6%

5HG 2IIVHW
06%
/6%

*UHHQ 2IIVHW
06%
/6%

%OXH 2IIVHW
06%
/6%
7DEOH  *DLQ $QG 2IIVHW 5HJLVWHUV
1RWH
 'DWD 3%3% FRUUHVSRQGV WR WKH  PRVW VLJQLILFDQW ELWV RI WKH GDWD RXWSXW EXV 6HH EHORZ
3DUW 
3%
3%
3%
3%
3%
3%
3%
3%
;5'
'%
'%
'%
'%
'%
'%
'%
'%
;5'
'%
'%
'%
'%
'%
'%
'%
'%
7DEOH  3URJUDPPLQJ %LW WR ,2 %LW &RUUHVSRQGHQFH


Similar Part No. - XRD9822

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9824 EXAR-XRD9824 Datasheet
265Kb / 32P
   14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9824ACD EXAR-XRD9824ACD Datasheet
265Kb / 32P
   14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9824ACU EXAR-XRD9824ACU Datasheet
265Kb / 32P
   14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9825 EXAR-XRD9825 Datasheet
290Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9825ACD EXAR-XRD9825ACD Datasheet
290Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
More results

Similar Description - XRD9822

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9814 EXAR-XRD9814 Datasheet
679Kb / 53P
   3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9814B EXAR-XRD9814B Datasheet
777Kb / 53P
   3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
   3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
logo
Analog Devices
AD9807 AD-AD9807 Datasheet
240Kb / 24P
   Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
REV. 0
logo
Exar Corporation
XRD9827 EXAR-XRD9827 Datasheet
264Kb / 32P
   12-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9829 EXAR-XRD9829 Datasheet
1Mb / 20P
   10-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9828 EXAR-XRD9828 Datasheet
148Kb / 2P
   10-Bit Linear CIS/CCD Sensor Signal Processor with Parallel Interface
logo
Texas Instruments
TLC8188 TI-TLC8188 Datasheet
153Kb / 12P
[Old version datasheet]   10-BIT, 4 MSPS, CIS/LINEAR CCD SENSOR PROCESSOR
logo
Analog Devices
AD9944 AD-AD9944_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943 AD-AD9943 Datasheet
498Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com