Electronic Components Datasheet Search |
|
36DY103F250DF2A Datasheet(PDF) 6 Page - Vishay Siliconix |
|
36DY103F250DF2A Datasheet(HTML) 6 Page - Vishay Siliconix |
6 / 6 page www.vishay.com For technical questions contact: aluminumcaps4@vishay.com Document Number: 42065 242 Revision: 25-Apr-05 36DY Vishay Sprague Aluminum Capacitors + 85 °C, Large Can 250 WVDC at + 85 °C, SURGE = 300 V 560.0* 36DY561F250AM2A 1.375 x 1.625 [35.0 x 41.0] 132.0 2.55 1000.0 36DY102F250AL2A 1.375 x 1.625 [35.0 x 41.0] 74.0 3.89 2700.0 36DY272F250BD2A 2.000 x 4.625 [51.0 x 117.0] 34.0 7.90 3300.0 36DY332F250BF2A 2.000 x 5.625 [51.0 x 143.0] 29.0 9.44 2700.0 36DY272F250CB2A 2.500 x 3.125 [64.0 x 79.0] 34.0 7.79 4700.0 36DY472F250DL2A 3.000 x 3.625 [76.0 x 92.0] 24.0 10.99 10000.0 36DY103F250DF2A 3.000 x 5.625 [76.0 x 143.0] 11.0 19.14 350 WVDC at + 85 °C, SURGE = 400 V 470.0 36DY471F350AB2A 1.375 x 1.625 [35.0 x 41.0] 272.0 1.91 1000.0 36DY102F350AF2A 1.375 x 1.625 [35.0 x 41.0] 128.0 3.58 1000.0 36DY102F350BL2A 2.000 x 3.625 [51.0 x 92.0] 136.0 3.58 1800.0* 36DY182F350BF2A 2.000 x 5.625 [51.0 x 143.0] 76.0 5.73 3300.0 36DY332F350DC2A 3.000 x 4.125 [76.0 x 105.0] 44.0 8.50 4700.0 36DY472F350DE2A 3.000 x 5.125 [76.0 x 130.0] 31.0 10.99 400 WVDC at + 85 °C, SURGE = 450 V 270.0 36DY271F400AM2A 1.375 x 2.625 [35.0 x 67.0] 429.0 1.41 680.0 36DY681F400AE2A 1.375 x 5.125 [35.0 x 130.0] 170.0 2.98 1000.0 36DY102F400BC2A 2.000 x 4.125 [51.0 x 105.0] 123.0 3.96 2200.0 36DY222F400CD2A 2.500 x 4.625 [64.0 x 117.0] 55.0 7.09 2700.0 36DY272F400DC2A 3.000 x 4.125 [76.0 x 105.0] 48.0 8.14 6800.0 36DY682F400DJ2A 3.000 x 8.625 [76.0 x 219.0] 19.0 17.36 450 WVDC at + 85 °C, SURGE = 525 V 330.0 36DY331F450AB2A 1.375 x 3.125 [35.0 x 79.0] 317.0 1.77 680.0 36DY681F450AE2A 1.375 x 5.625 [35.0 x 143.0] 164.0 3.13 1000.0 36DY102F450BC2A 2.000 x 4.125 [51.0 x 105.0] 113.0 4.13 2700.0 36DY272F450CF2A 2.500 x 5.625 [64.0 x 143.0] 42.0 8.78 3300.0 36DY332F450DD2A 3.000 x 4.625 [64.0 x 117.0] 36.0 10.20 5600.0 36DY562F450DJ2A 3.000 x 8.625 [76.0 x 219.0] 21.0 16.51 * These ratings are normally stocked. ELECTRICAL DATA AND ORDERING INFORMATION CAPACITANCE (µF) PART NUMBER NOMINAL CASE SIZE D x L MAX. ESR at 25 °C (m Ω) MAX. RIPPLE at + 85 °C (A) 120 HZ 120 HZ |
Similar Part No. - 36DY103F250DF2A |
|
Similar Description - 36DY103F250DF2A |