Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3513IGV-3.30-A-A-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3513IGV-3.30-A-A-T1
Description  Micropower uP Reset with Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3513IGV-3.30-A-A-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3513IGV-3.30-A-A-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3513IGV-3.30-A-A-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3513IGV-3.30-A-A-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3513IGV-3.30-A-A-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3513IGV-3.30-A-A-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3513IGV-3.30-A-A-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3513IGV-3.30-A-A-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3513IGV-3.30-A-A-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3513IGV-3.30-A-A-T1 Datasheet HTML 12Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Package Information
SOT23-5
All dimensions in millimeters.
0.15
± 0.07
0.45
± 0.15
0.10 BSC
0.40
± 0.10
0.60 REF
2.85
± 0.15
1.90 BSC
0.95
BSC
10
° ± 5°
GAUGE PLANE
0.075
± 0.075
0.60 REF
AAT3510/1/2/3/4/5/6/7/8/9
Micropower µP Reset with Watchdog Timer
3510.2004.08.1.4
11


Similar Part No. - AAT3513IGV-3.30-A-A-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3513 AAT-AAT3513 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3513 ANALOGICTECH-AAT3513 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
More results

Similar Description - AAT3513IGV-3.30-A-A-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510_06 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
logo
Mitsumi Electronics, Co...
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
   System Reset (with watchdog timerbattery back-up)
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
ATMEL Corporation
AT83C5112 ATMEL-AT83C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
ATMEL Corporation
AT87C5112 ATMEL-AT87C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Rohm
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com