Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4611K-102-2222BAA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 4611K-102-2222BAA
Description  THIN FILM CONFORMAL SIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

4611K-102-2222BAA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  4611K-102-2222BAA Datasheet HTML 1Page - List of Unclassifed Manufacturers 4611K-102-2222BAA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
317
Isolated Resistors (102 Circuit)
Available in 4, 6, 8, 10, 12, 14, 16 Pin
Bussed Resistors (101 Circuit)
Available in 4 through 16 Pin
These models incorporate 2 to 8
isolated thin-film resistors of equal value,
each connected between a
separate pin.
Power Rating per Resistor
T ...............................................0.18 watt
S ...............................................0.20 watt
K ...............................................0.25 watt
Resistance Range… ...20 to 200K ohms
These models incorporate 3 to 15
thin-film resistors of equal value, each
connected between a separate pin.
Power Rating per Resistor
T ...............................................0.10 watt
S ...............................................0.12 watt
K ...............................................0.15 watt
Resistance Range…49.9 to 100K ohms
Series Circuit (106 Circuit)
Available in 4 through 16 Pin
These models incorporate 3 to 15
thin-film resistors of equal value, each
connected in a series.
Power Rating per Resistor
T ...............................................0.10 watt
S ...............................................0.12 watt
K ...............................................0.15 watt
Resistance Range .......20 to 100K ohms
1
SERIES CIRCUIT
106 CIRCUIT
16
1
16
BUSSED RESISTORS
101 CIRCUIT
1
16
ISOLATED RESISTORS
102 CIRCUIT
6
8
4600T, S, K Series - Thin Film Conformal SIP


Similar Part No. - 4611K-102-2222BAA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4611K-102-2222BAA ETC1-4611K-102-2222BAA Datasheet
154Kb / 2P
   4600T, S, K Series - Thin Film Conformal SIP
More results

Similar Description - 4611K-102-2222BAA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4604T-101-222FAB ETC1-4604T-101-222FAB Datasheet
154Kb / 2P
   4600T, S, K Series - Thin Film Conformal SIP
logo
Bourns Electronic Solut...
4605X BOURNS-4605X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4612X BOURNS-4612X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4606X BOURNS-4606X_11 Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4614X BOURNS-4614X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4613X BOURNS-4613X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4604X BOURNS-4604X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4608X BOURNS-4608X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4609X BOURNS-4609X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4610X BOURNS-4610X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com