Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY37128VP100-143NXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY37128VP100-143NXC
Description  5V, 3.3V, ISRTM High-Performance CPLDs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37128VP100-143NXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY37128VP100-143NXC Datasheet HTML 2Page - Cypress Semiconductor CY37128VP100-143NXC Datasheet HTML 3Page - Cypress Semiconductor CY37128VP100-143NXC Datasheet HTML 4Page - Cypress Semiconductor CY37128VP100-143NXC Datasheet HTML 5Page - Cypress Semiconductor CY37128VP100-143NXC Datasheet HTML 6Page - Cypress Semiconductor CY37128VP100-143NXC Datasheet HTML 7Page - Cypress Semiconductor CY37128VP100-143NXC Datasheet HTML 8Page - Cypress Semiconductor CY37128VP100-143NXC Datasheet HTML 9Page - Cypress Semiconductor CY37128VP100-143NXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 6 of 64
Clockin g
Each I/O and buried macrocell has access to four synchronous
clocks (CLK0, CLK1, CLK2 and CLK3) as well as an
asynchronous product term clock PTCLK. Each input
macrocell has access to all four synchronous clocks.
Dedicated Inputs/Clocks
Five pins on each member of the Ultra37000 family are desig-
nated as input-only. There are two types of dedicated inputs
on Ultra37000 devices: input pins and input/clock pins.
Figure 3 illustrates the architecture for input pins. Four input
options are available for the user: combinatorial, registered,
double-registered, or latched. If a registered or latched option
is selected, any one of the input clocks can be selected for
control.
Figure 4 illustrates the architecture for the input/clock pins.
Like the input pins, input/clock pins can be combinatorial,
registered, double-registered, or latched. In addition, these
pins feed the clocking structures throughout the device. The
clock path at the input has user-configurable polarity.
Product Term Clocking
In addition to the four synchronous clocks, the Ultra37000
family also has a product term clock for asynchronous
clocking. Each logic block has an independent product term
clock which is available to all 16 macrocells. Each product term
clock also supports user configurable polarity selection.
Timing Model
One of the most important features of the Ultra37000 family is
the simplicity of its timing. All delays are worst case and
system performance is unaffected by the features used. Figure
5 illustrates the true timing model for the 167-MHz devices in
high speed mode. For combinatorial paths, any input to any
output incurs a 6.5-ns worst-case delay regardless of the
amount of logic used. For synchronous systems, the input
set-up time to the output macrocells for any input is 3.5 ns and
the clock to output time is also 4.0 ns. These measurements
are for any output and synchronous clock, regardless of the
logic used.
The Ultra37000 features:
• No fanout delays
• No expander delays
• No dedicated vs. I/O pin delays
• No additional delay through PIM
• No penalty for using 0–16 product terms
• No added delay for steering product terms
• No added delay for sharing product terms
• No routing delays
• No output bypass delays
The simple timing model of the Ultra37000 family eliminates
unexpected performance penalties.
Figure 4. Input/Clock Macrocell
Figure 3. Input Macrocell
0
1
2
3
O
C10C11
TO PIM
D
Q
D
Q
D
Q
LE
INPUT/CLOCK PIN
0
1
2
O
FROM CLOCK
CLOCK PINS
0
1
O
C12
TO CLOCK MUX ON
ALL INPUT MACROCELLS
TO CLOCK MUX
IN EACH
3
0
1
CLOCK POLARITY MUX
ONE PER LOGIC BLOCK
FOR EACH CLOCK INPUT
POLARITY INPUT
LOGIC BLOCK
C8 C9
C13, C14, C15
OR C16
O
0
1
2
3
O
C12 C13
TO PIM
D
Q
D
Q
D
Q
LE
INPUT PIN
0
1
2
O
C10
FROM CLOCK
POLARITY MUXES
3
C11


Similar Part No. - CY37128VP100-143NXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY37128VP100-125AC CYPRESS-CY37128VP100-125AC Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37128VP100-125BBC CYPRESS-CY37128VP100-125BBC Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
More results

Similar Description - CY37128VP100-143NXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37032 CYPRESS-CY37032 Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Golledge Electronics Lt...
GVXO-25 GOLLEDGE-GVXO-25 Datasheet
541Kb / 4P
   5V High Performance VCXO
logo
Exar Corporation
SP211EH EXAR-SP211EH Datasheet
745Kb / 16P
   High Speed 5V High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com