Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH340G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CH340G
Description  USB to UART Interface
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CH340G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CH340G Datasheet HTML 1Page - List of Unclassifed Manufacturers CH340G Datasheet HTML 2Page - List of Unclassifed Manufacturers CH340G Datasheet HTML 3Page - List of Unclassifed Manufacturers CH340G Datasheet HTML 4Page - List of Unclassifed Manufacturers CH340G Datasheet HTML 5Page - List of Unclassifed Manufacturers CH340G Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DreamCity Innovations
WCH CH340G Datasheet
WCH CH340 Series USB Interface Integrated Circuit
CH340G USB to UART Interface
Datasheet
WCH Version 1E
DreamCity Version 1.0
Disclaimer from DreamCity Innovations
This is a third-party translation of WCH’s CH340 Series chipset’s Chinese datasheet, with
information regarding CH340G chip extracted. The two other chips sharing the same
datasheet, CH340R and C340T, have official English version.
1. Overview
CH340 is a series of USB bus adapters, that provides serial, parallel or IrDA interfaces over
the USB bus (note: CH340G supports serial interface only). The CH340G integrate circuit
provides common MODEM signals to allow adding a UART to a computer, or converting
existing UART devices to USB interface.
2. Features
Full-speed USB interface, compatible with USB 2.0 interface.
Operates with a minimum amount of external components: a crystal and a minimum of four
capacitors.
Provides a virtual serial port for upgrading existing serial port devices or adding serial ports
to a PC.
Supports all existing applications using serial ports without the need of changing existing
code.
Hardware full-duplex serial interface with internal FIFO. Baud rate range from 50bps to
2Mbps.
Supports common flow control signals RTS, DTR, DCD, RI, DSR and CTS.
Supports RS232, RS422 and RS485 with external level shifting components.
Uses CH341 driver.
Supports 5V and 3.3V operation.
RoHS-compliant narrow body SO-16 package.

DreamCity Innovations
Page of
1
6
WCH CH340G Datasheet


Similar Part No. - CH340G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH340G ETC-CH340G Datasheet
2Mb / 9P
   USB to UART Interface
logo
Nanjing Qinheng Microel...
CH340G WCH-CH340G Datasheet
233Kb / 10P
   USB Convert serial port chip
More results

Similar Description - CH340G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH340G ETC-CH340G Datasheet
2Mb / 9P
   USB to UART Interface
logo
STMicroelectronics
STEVAL-PCC018V1 STMICROELECTRONICS-STEVAL-PCC018V1 Datasheet
631Kb / 5P
   UART to USB bridge
February 2014 Rev 1
logo
Feature Integration Tec...
F81232 FINTEK-F81232 Datasheet
179Kb / 14P
   USB to UART Chip
logo
Future Technology Devic...
FT232R FTDI-FT232R_10 Datasheet
774Kb / 43P
   USB UART IC - Single chip USB to asynchronous serial data transfer interface
FT230XS-U FTDI-FT230XS-U Datasheet
816Kb / 44P
   (USB to BASIC UART IC)
logo
Cypress Semiconductor
CY7C64225 CYPRESS-CY7C64225 Datasheet
343Kb / 19P
   USB-to-UART Bridge Controller
logo
Future Technology Devic...
FT220XQ-T FTDI-FT220XQ-T Datasheet
947Kb / 46P
   USB to BASIC UART IC
logo
Holtek Semiconductor In...
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
   USB to UART Bridge IC
logo
Future Technology Devic...
FT234XD-R FTDI-FT234XD-R Datasheet
695Kb / 37P
   USB to BASIC UART IC
logo
Freescale Semiconductor...
USB2SER FREESCALE-USB2SER Datasheet
1Mb / 28P
   USB to UART Application Specific IC Single chip USB to UART Data Transfer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com