Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC888S-VD Datasheet(PDF) 66 Page - Realtek Semiconductor Corp.

Part # ALC888S-VD
Description  7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC888S-VD Datasheet(HTML) 66 Page - Realtek Semiconductor Corp.

Back Button ALC888S-VD Datasheet HTML 62Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 63Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 64Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 65Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 66Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 67Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 68Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 69Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 70Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
ALC888S-VD
Datasheet
7.1+2 Channel HD Audio Codec with Two Independent
SPDIF Outputs
58
Track ID: JATR-2265-11
Rev. 1.2
Table 60. Default Configuration in Chip (14h~1Ch)
NID=
14h
15h
16h
17h
18h
19h
1Ah
1Bh
1Ch
Name
FRONT
SURR
CEN/LFE
SIDE
MIC1
MIC2
LINE1
LINE2
CD-IN
Port
Jack
Jack
Jack
Jack
Jack
Jack
Jack
Jack
Header
Location
Rear
Rear
Rear
Rear
Rear
Front
Rear
Front
Inside
Device
Line Out
Line Out
Line Out
Line Out
Mic In
Mic In
Line In
HP Out
AUX
Con Type
1/8" Jack 1/8" Jack 1/8" Jack 1/8" Jack 1/8" Jack 1/8" Jack 1/8" Jack 1/8" Jack
ATAPI
Color
Green
Black
Orange
Grey
Pink
Pink
Blue
Green
Black
Misc
Vrefo
Retask
Sensing
JD
Vrefo
Retask
Sensing
JD
Vrefo
Retask
Sensing
JD
Vrefo
Retask
Sensing
JD
Vrefo
Retask
Sensing
JD
Vrefo
Retask
Sensing
JD
Vrefo
Retask
Sensing
JD
Vrefo
Retask
Sensing
JD
Vrefo
Retask
Sensing
JD
Association
3h
3h
3h
3h
5h
8h
5h
4h
5h
Sequence
0h
1h
2h
3h
0h
0h
1h
0h
Fh
Table 61. Default Configuration in Chip (1Dh~12h)
NID=
1Dh
1Eh
1Fh
11h
12h
Name
BEEP-IN
SPDIF-OUT
SPDIF-IN
SPDIF-OUT2
Digital MIC
Port
Internal
Jack
NC
NC
NC
Location
Unknown
Rear
Rear
Rear
Rear
Device
Other
SPDIF Out
SPDIF-In
Speaker
Speaker
Con Type
Other
RCA
RCA
1/8" Jack
1/8" Jack
Color
Other
Black
Orange
Black
Black
Misc
Vrefo
Retask
Sensing
JD
Vrefo
Retask
Sensing
JD
Vrefo
Retask
Sensing
JD
Vrefo
Retask
Sensing
JD
Vrefo
Retask
Sensing
JD
Association
0h
7h
6h
Fh
Fh
Sequence
0h
0h
0h
0h
0h


Similar Part No. - ALC888S-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD2-GR REALTEK-ALC888S-VD2-GR Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD2-GR REALTEK-ALC888S-VD2-GR Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
More results

Similar Description - ALC888S-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC887 REALTEK-ALC887 Datasheet
996Kb / 82P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S REALTEK-ALC888S Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF-OUT
ALC892 REALTEK-ALC892 Datasheet
1Mb / 89P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC892 REALTEK-ALC892_11 Datasheet
1Mb / 90P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC1150 REALTEK-ALC1150 Datasheet
1Mb / 88P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC889 REALTEK-ALC889 Datasheet
1Mb / 86P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC892_11 REALTEK-ALC892_11_05 Datasheet
1Mb / 90P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC887-VD REALTEK-ALC887-VD Datasheet
1Mb / 91P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com