Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC888S-VD Datasheet(PDF) 43 Page - Realtek Semiconductor Corp.

Part # ALC888S-VD
Description  7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC888S-VD Datasheet(HTML) 43 Page - Realtek Semiconductor Corp.

Back Button ALC888S-VD Datasheet HTML 39Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 40Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 41Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 42Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 43Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 44Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 45Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 46Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 47Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
ALC888S-VD
Datasheet
7.1+2 Channel HD Audio Codec with Two Independent
SPDIF Outputs
35
Track ID: JATR-2265-11
Rev. 1.2
8.2. Verb – Get Connection Select Control (Verb ID=F01h)
Table 34. Verb – Get Connection Select Control (Verb ID=F01h)
Get Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID=F01h
0’s
Bit[7:0] are Connection Index
Codec Response for Analog Port-B/C/E/F (NID=18h~1Bh)
Bit
Description
31:8
0’s.
7:0
Connection Index Current Settings (Default Value is 00h).
00h: Sum Widget NID=0Ch
01h: Sum Widget NID=0Dh
02h: Sum Widget NID=0Eh
03h: Sum Widget NID=0Fh
04h: Sum Widget NID=26h
Other: Reserved
Codec Response for Digital Pin SPDIF-OUT (NID=1Eh)
Bit
Description
31:8
0’s.
7:0
Connection Index Current Settings (Default Value is 00h).
00h: Digital Converter (SPDIF-OUT) NID=06h
Other: Reserved
Codec Response for Digital Pin SPDIF-OUT2 (NID=11h)
Bit
Description
31:8
0’s.
7:0
Connection Index Current Settings (Default Value is 00h).
00h: Digital Converter (SPDIF-OUT2) NID=10h
Other: Reserved
Codec Response for Other NID
Bit
Description
31:0
Not Supported (Returns 00000000h).
8.3. Verb – Set Connection Select (Verb ID=701h)
Table 35. Verb – Set Connection Select (Verb ID=701h)
Set Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID=701h
Select Index [7:0]
0’s for All Nodes


Similar Part No. - ALC888S-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD2-GR REALTEK-ALC888S-VD2-GR Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD2-GR REALTEK-ALC888S-VD2-GR Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
More results

Similar Description - ALC888S-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC887 REALTEK-ALC887 Datasheet
996Kb / 82P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S REALTEK-ALC888S Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF-OUT
ALC892 REALTEK-ALC892 Datasheet
1Mb / 89P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC892 REALTEK-ALC892_11 Datasheet
1Mb / 90P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC1150 REALTEK-ALC1150 Datasheet
1Mb / 88P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC889 REALTEK-ALC889 Datasheet
1Mb / 86P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC892_11 REALTEK-ALC892_11_05 Datasheet
1Mb / 90P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC887-VD REALTEK-ALC887-VD Datasheet
1Mb / 91P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com