Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LM185WH1 Datasheet(PDF) 28 Page - LG Semicon Co.,Ltd.

Part No. LM185WH1
Description  SPECIFICATION FOR APPROVAL
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LG [LG Semicon Co.,Ltd.]
Homepage  
Logo 

 
 28 page
background image
Product Specification
29 / 32
LM185WH1
Liquid Crystal Display
Ver. 1.0
Sep., 10, 2008
6. Reliability
Table 13. Environment test conditions
Wave form : random
Vibration level : 1.0GRMS
Bandwidth : 10-300Hz
Duration : X,Y,Z, 30 min
One time each direction
Vibration test
(non-operating)
5
0 - 10,000 feet(3,048m)
0 - 40,000 feet(12,192m)
Altitude
operating
storage / shipment
7
Shock level : 120G
Waveform : half sine wave, 2msec
Direction : ±X, ±Y, ±Z
One time each direction
Shock test
(non-operating)
6
Ta= 0°C
240hrs
Low temperature operation test
4
Ta= 50°C
50%RH
240hrs
High temperature operation test
3
Ta= -20°C 240hrs
Low temperature storage test
2
Ta= 60°C
240hrs
High temperature storage test
1
No
Test Item
Condition
{ Result evaluation criteria }
There should be no change which might affect the practical display function when the display
quality test is conducted under normal operating condition.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl