Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F1G08U0E Datasheet(PDF) 12 Page - Samsung semiconductor

Part # K9F1G08U0E
Description  1Gb E-die NAND Flash
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1G08U0E Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button K9F1G08U0E Datasheet HTML 8Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 9Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 10Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 11Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 12Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 13Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 14Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 15Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 16Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
- 12 -
datasheet
K9F1G08U0E
FLASH MEMORY
Rev. 1.11
SAMSUNG CONFIDENTIAL
2.4 Valid Block
NOTE :
1) The device may include initial invalid blocks when first shipped. Additional invalid blocks may develop while being used. The number of valid blocks is presented with both
cases of invalid blocks considered. Invalid blocks are defined as blocks that contain one or more bad bits. Do not erase or program factory-marked bad blocks. Refer to the
attached technical notes for appropriate management of invalid blocks.
2) The 1st block, which is placed on 00h block address, is guaranteed to be a valid block up to 1K program/erase cycles with 1bit/528Byte ECC.
2.5 AC Test Condition
(K9F1G08U0E-XCB0 :TA=0 to 70
C, K9F1G08U0E-XIB0:TA=-40 to 85C, K9F1G08U0E : Vcc=2.7V~3.6V unless otherwise noted)
2.6 Capacitance(TA=25C, VCC=3.3V, f=1.0MHz)
NOTE :
Capacitance is periodically sampled and not 100% tested.
2.7 Mode Selection
NOTE :
1) X can be VIL or VIH.
2) WP should be biased to CMOS high or CMOS low for standby.
Parameter
Symbol
Min
Typ.
Max
Unit
K9F1G08U0E
NVB
1,004
-
1,024
Blocks
Parameter
K9F1G08U0E
Input Pulse Levels
0V to Vcc
Input Rise and Fall Times
5ns
Input and Output Timing Levels
Vcc/2
Output Load
1 TTL GATE and CL=50pF
Item
Symbol
Test Condition
Min
Max
Unit
Input/Output Capacitance
CI/O
VIL=0V
-
10
pF
Input Capacitance
CIN
VIN=0V
-
10
pF
CLE
ALE
CE
WE
RE
WP
Mode
HL
L
H
X
Read Mode
Command Input
L
H
L
H
X
Address Input(4clock)
HL
L
H
H
Write Mode
Command Input
L
H
L
H
H
Address Input(4clock)
LLL
H
H
Data Input
LLL
H
X
Data Output
X
X
X
X
H
X
During Read(Busy)
X
X
X
X
X
H
During Program(Busy)
X
X
X
X
X
H
During Erase(Busy)
X
X(1)
X
X
X
L
Write Protect
XX
H
X
X
0V/VCC(2)
Stand-by


Similar Part No. - K9F1G08U0E

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G08U0A SAMSUNG-K9F1G08U0A Datasheet
677Kb / 37P
   FLASH MEMORY
K9F1G08U0A SAMSUNG-K9F1G08U0A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9F1G08U0B-P SAMSUNG-K9F1G08U0B-P Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9F1G08U0C-PCB0T00 SAMSUNG-K9F1G08U0C-PCB0T00 Datasheet
973Kb / 36P
   Samsung Semiconductor, Inc. Product Selection Guide
More results

Similar Description - K9F1G08U0E

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9GAG08U0E SAMSUNG-K9GAG08U0E Datasheet
1Mb / 55P
   16Gb E-die NAND Flash
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
   1Gb NAND Flash
K4T1G044QE SAMSUNG-K4T1G044QE Datasheet
1Mb / 46P
   1Gb E-die DDR2 SDRAM
K9F1G08Q0M-YCB0 SAMSUNG-K9F1G08Q0M-YCB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
K9F2G08U0C SAMSUNG-K9F2G08U0C Datasheet
707Kb / 39P
   2Gb C-die NAND Flash
K8A2815ETE SAMSUNG-K8A2815ETE Datasheet
984Kb / 51P
   128Mb E-die NOR FLASH
K8S2815ETE SAMSUNG-K8S2815ETE Datasheet
1Mb / 55P
   128Mb E-die NOR FLASH
logo
Elite Semiconductor Mem...
F59L8G81XSB ESMT-F59L8G81XSB Datasheet
1Mb / 82P
   8 Gbit (1Gb x 8) 3.3V NAND Flash Memory
F59D8G81XB ESMT-F59D8G81XB Datasheet
2Mb / 84P
   8 Gbit (1Gb x 8) 1.8V NAND Flash Memory
logo
KIOXIA Corporation
TC58CVG0S3HRAIG KIOXIA-TC58CVG0S3HRAIG Datasheet
2Mb / 43P
   1Gb, 3.3V Serial Interface NAND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com