Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K-TS1 Datasheet(PDF) 3 Page - RFbeam Microwave GmbH

Part # K-TS1
Description  RADAR TESTSYSTEM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-TS1 Datasheet(HTML) 3 Page - RFbeam Microwave GmbH

  K-TS1 Datasheet HTML 1Page - RFbeam Microwave GmbH K-TS1 Datasheet HTML 2Page - RFbeam Microwave GmbH K-TS1 Datasheet HTML 3Page - RFbeam Microwave GmbH K-TS1 Datasheet HTML 4Page - RFbeam Microwave GmbH K-TS1 Datasheet HTML 5Page - RFbeam Microwave GmbH K-TS1 Datasheet HTML 6Page - RFbeam Microwave GmbH K-TS1 Datasheet HTML 7Page - RFbeam Microwave GmbH K-TS1 Datasheet HTML 8Page - RFbeam Microwave GmbH K-TS1 Datasheet HTML 9Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
K-TS1 RADAR TESTSYSTEM
Datasheet
Characteristics
Parameter
Conditions / Notes
Symbol
Min
Typ
Max
Unit
Operating conditions
Supply voltage
Vcc
15
24
26
V
Supply current
Transmitter active
Icc
100
mA
Operating temperature
Top
0
+60
°C
Storage temperature
Tst
-20
+80
°C
Transmitter
Transmitter frequency
digitally adjustable
fTX
23.000
25.000
GHz
Frequency step width
fstep
1
MHz/stp
Output power
EIRP
PTX
+13
+17
+20
dBm
Frequency drift vs temperature
0°C .. +60°C
fTXDrift
+/- 25
kHz/°C
Maximum frequency error
0°C .. +60°C
fTXError
+/- 1.2
MHz
Phase Noise
@ 100kHz offset
PTxNoise
-95
dBc/Hz
Spurious
@ 62.5kHz offset
Pspur1
-25
dBc
Out of Band Spurious
f<23.000GHz or f>25.000GHz
Pspur2
-20
dBm
Receiver
Frequency range
fRX
23.000
25.000
GHz
IF1 bandwidth
Band is centered around TX frequency
BWIF1
fTX+/-350
MHz
IF2 bandwidth
Band is centered around TX frequency
BWIF2
fTX+/-1.6
MHz
Noisefloor IF1
full bandwidth
PnoiseIF1
-68
dBm
Noisefloor IF2
full bandwidth
PnoiseIF2
-89
dBm
RX power indicator range IF1
Power seen from RX-Antenna
PIF1
-65.0
-10.0
dBm
RX power indicator range IF2
Power seen from RX-Antenna
PIF2
-86.0
-10.0
dBm
RX power detector resolution
IF1 / IF2
RPRx
0.1
dB
RX power accuracy
IF1 / IF2
PRXError
+/- 3
dB
RX frequency detector resolution
RfRx
1
MHz
Frequency measurement error
fRXError
+/- 1
MHz
RX frequency detector sensitivity
power range for reliable acquisition
PfRx
-50.0
-10.0
dBm
Doppler Target
Frequency range
Transmit frequency of UUT
fTG
23.500
24.500
GHz
Doppler frequency range
Software Adjustable
fDoppler
1
9999
Hz
Aequivalent reflectivity
approximative indication
Serial# < 1108xxxx
Serial# >= 1108xxxx
RCS
RCS
10
200
mm2
cm2
AUX Power Input
AUX bandwidth
-3dB Points
BWAUX
0.1
350
MHz
Noisefloor AUX
full bandwidth
PnoiseAUX
-75.0
dBm
AUX power indicator range
PAUX
-72.0
+15.0
dBm
AUX power detector resolution
RPAUX
0.1
dB
AUX power accuracy
PAUXError
+/- 3
dB
AUX input impedance
Rin
50
Ohm
Host Interface
USB
Virtual COM Port 38.4kB, 8N1, no handsh.
PC Driver
www.ftdichip.com/Drivers/VCP.htm
TTL I/O Connector
Input TTL (internal pull up = 47k)
Vllow
0
0.4
0.6
V
Output TTL @-10mA
Vohigh
4.5
5
V
© RFbeam Microwave GmbH www.rfbeam.ch
2011-03-11
Page 3/13


Similar Description - K-TS1

ManufacturerPart #DatasheetDescription
logo
SICK AG
RAS407-2801100 SICK-RAS407-2801100 Datasheet
760Kb / 6P
   RADAR SENSORS
logo
Analog Devices
KHPA0608 AD-KHPA0608 Datasheet
569Kb / 3P
   Commercial Radar
logo
RFbeam Microwave GmbH
K-LC2 RFBEAM-K-LC2 Datasheet
592Kb / 5P
   RADAR TRANSCEIVER
logo
Pepperl+Fuchs Inc.
RADEC-D PF-RADEC-D Datasheet
1,017Kb / 6P
   Radar sensor
RAVE-D PF-RAVE-D Datasheet
1Mb / 7P
   Radar sensor
RAVE-D-GB PF-RAVE-D-GB Datasheet
1Mb / 7P
   Radar sensor
RMS-D-RC PF-RMS-D-RC Datasheet
1Mb / 6P
   Radar sensor
RMS-D-RC-NA PF-RMS-D-RC-NA Datasheet
1Mb / 6P
   Radar sensor
logo
RFbeam Microwave GmbH
K-LC1A RFBEAM-K-LC1A Datasheet
444Kb / 6P
   RADAR TRANSCEIVER
K-LC5_V3 RFBEAM-K-LC5_V3 Datasheet
307Kb / 5P
   RADAR TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com