Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1667 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1667
Description  True Zero-Speed, High Accuracy, Ring Magnet Sensor IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1667 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1667 Datasheet HTML 1Page - Allegro MicroSystems A1667 Datasheet HTML 2Page - Allegro MicroSystems A1667 Datasheet HTML 3Page - Allegro MicroSystems A1667 Datasheet HTML 4Page - Allegro MicroSystems A1667 Datasheet HTML 5Page - Allegro MicroSystems A1667 Datasheet HTML 6Page - Allegro MicroSystems A1667 Datasheet HTML 7Page - Allegro MicroSystems A1667 Datasheet HTML 8Page - Allegro MicroSystems A1667 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
True Zero-Speed, High Accuracy, Ring Magnet Sensor IC
A1667
4
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
OPERATING CHARACTERISTICS (continued): Valid over operating voltage and temperature ranges, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
CALIBRATION
Initial Calibration[6]
CALI
Possible reduced edge detection accuracy, duty
cycle not guaranteed
1
6
electrical
edge
Update Method
Running mode operation, bounded for
decreasing BSIG, unlimited for increasing BSIG
Continuous
OPERATING CHARACTERISTICS
Operating Signal Range
BSIG
Differential magnetic signal
operation within specification
30
1400
G
Relative Repeatability[7]
TθE
60 pole-pair target, using 100 GPK-PK ideal
sinusoidal signal, TA = 150°C, and fOP = 1000 Hz
0.12
degrees
Maximum Single Outward Sudden Air
Gap Change[8]
AGMAX
Single instantaneous air gap peak-to-peak
amplitude change, fOP<500 Hz, VPROC(pk-pk) >
VLOE after sudden AG change
40
%PK-PK
[1]
Typical data is at VCC = 12 V and TA = 25°C, unless otherwise noted. Performance may vary for individual units, within the specified maximum and
minimum limits.
[2]
Sustained voltages beyond the clamp voltage may cause permanent damage to the IC.
[3]
Power-On Time is the time required to complete the internal Automatic Offset Adjust; the DACs are then ready for peak acquisition.
[4]
The device compensates for magnetic and installation offsets. Offsets greater than specification in gauss may cause inaccuracies in the output.
[5]
1 G (gauss) = 0.1 mT (millitesla).
[6]
For power-on frequency, fOP < 200 Hz. Higher power-on frequencies may result in more input magnetic cycles until full output edge accuracy is
achieved, including the possibility of missed output edges.
[7]
The repeatability specification is based on statistical evaluation of a sample population, evaluated at 1000 Hz.
[8]
Single maximum allowable air gap change in outward direction (increase in air gap).


Similar Part No. - A1667

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A16601 ALLEGRO-A16601 Datasheet
740Kb / 13P
   AC-Coupled Differential Crankshaft Speed Sensor IC
A16601PUCF ALLEGRO-A16601PUCF Datasheet
740Kb / 13P
   AC-Coupled Differential Crankshaft Speed Sensor IC
logo
Hitachi Semiconductor
A16631 HITACHI-A16631 Datasheet
700Kb / 20P
   Read Amplifier
logo
KEC(Korea Electronics)
A16631 KEC-A16631 Datasheet
312Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Savantic, Inc.
A1668 SAVANTIC-A1668 Datasheet
244Kb / 4P
   Silicon PNP Power Transistors
More results

Similar Description - A1667

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS667 ALLEGRO-ATS667 Datasheet
429Kb / 14P
   True Zero-Speed, High Accuracy Gear Tooth Sensor IC
A1688 ALLEGRO-A1688 Datasheet
584Kb / 10P
   Two-Wire, True Zero-Speed, High Accuracy Sensor IC
ATS667LSG ALLEGRO-ATS667LSG Datasheet
330Kb / 14P
   True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS668LSM ALLEGRO-ATS668LSM Datasheet
1Mb / 13P
   True Zero-Speed High-Accuracy Gear Tooth Sensor IC
ATS627LSG ALLEGRO-ATS627LSG Datasheet
504Kb / 22P
   True Zero Speed, Low Jitter, High Accuracy Position Sensor IC
ATS627 ALLEGRO-ATS627 Datasheet
504Kb / 22P
   True Zero Speed, Low Jitter, High Accuracy Position Sensor IC
ATS665LSG ALLEGRO-ATS665LSG Datasheet
559Kb / 18P
   True Zero Speed, High Accuracy, Gear Tooth Sensor
ATS665LSG ALLEGRO-ATS665LSG_05 Datasheet
791Kb / 17P
   True Zero Speed, High Accuracy, Gear Tooth Sensor
19Dec05
ATS625LSG ALLEGRO-ATS625LSG Datasheet
538Kb / 21P
   True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
A1698 ALLEGRO-A1698 Datasheet
573Kb / 13P
   Two-Wire, True Zero-Speed, High Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com