Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPT7603 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # XPT7603
Description  4-wire resistive touch screen controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XPT7603 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button XPT7603 Datasheet HTML 16Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 17Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 18Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 19Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 20Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 21Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 22Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 23Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
X
XP
PT
T7
76
60
03
3 D
Da
atta
aS
Sh
he
ee
ett
C
Co
op
py
yrriig
gh
htt©
©2
20
00
09
9,, S
SH
HE
EN
NZ
ZH
HE
EN
N X
XP
PT
TE
EK
K T
TE
EC
CH
HN
NO
OL
LO
OG
GY
Y C
CO
O..,,L
LT
TD
D
http://www.xptek.com.cn
P
Pa
ag
ge
e 20/25
9.3
High-Speed Mode
When the host sent data "00001XXX", was received XPT7603 after having to wait for the host response,
XPT7603 will enter the high-speed mode (serial rate can 3.4Mhz), until the host issued a STOP signal.
High-speed mode, the format command to read and write standard mode and fast mode is the same as the
order in writing after the STOP signal can not be made, otherwise the end of high-speed mode.
9.4
Digital Timing
Figure 8 XPT7603 Digital Interface
Table 7 timing specification
+VDD = 2.7V, CLOAD = 50pF
Unit
Serial
Number
Instruction
Test Condition
Min
Max
fSCL
SCL Clock Frequency
Standard Mode
Fast Mode
High-Speed Mode, Cb = 100pF max
High-Speed Mode, Cb = 400pF max
0
0
0
0
100
400
3.4
1.7
kHz
kHz
MHz
MHz
tBUF
Bus Free Time Between a STOP and Start
Condition
Standard Mode
Fast Mode
4.7
1.3
µ
s
µ
s
tHD; STA
Hold Time (Repeated) START Condition
Standard Mode
Fast Mode
High-Speed Mode
4.0
600
160
µs
ns
ns
tLOW
LOW Period of the SCL Clock
Standard Mode
Fast Mode
High-Speed Mode, Cb = 100pF max
High-Speed Mode, Cb = 400pF max
4.7
1.3
160
320
µs
µs
ns
ns
tHIGH
HIGH Period of the SCL Clock
Standard Mode
Fast Mode
High-Speed Mode, Cb = 100pF max
High-Speed Mode, Cb = 400pF max
4.0
600
60
120
µs
ns
ns
ns
tSU; STA
Setup Time for a Repeated START Condition
Standard Mode
Fast Mode
High-Speed Mode
4.7
600
160
µs
ns
ns
tSU; DAT
Data Setup Time
Standard Mode
Fast Mode
High-Speed Mode
250
100
10
ns
ns
ns
tHD; DAT
Data Hold Time
Standard Mode
Fast Mode
High-Speed Mode, Cb = 100pF max
High-Speed Mode, Cb = 400pF max
0
0
0
0
3.45
0.9
70
150
µs
µs
ns
ns
trCL
Rise Time of SCL Signal
Standard Mode
Fast Mode
High-Speed Mode, Cb = 100pF max
20 + 0.1Cb
10
1000
300
40
ns
ns
ns


Similar Part No. - XPT7603

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XPT1LUG41D SUNLED-XPT1LUG41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
XPT1LUR41D SUNLED-XPT1LUR41D Datasheet
242Kb / 3P
   Black casing provides superior contrast
XPT1LUY41D SUNLED-XPT1LUY41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
   ARM-based 32-bit MCU
More results

Similar Description - XPT7603

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com