Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1219-04S7 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM1219-04S7
Description  Low Capacitance Transient Voltage Suppressors / ESD Protectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1219-04S7 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM1219-04S7 Datasheet HTML 1Page - California Micro Devices Corp CM1219-04S7 Datasheet HTML 2Page - California Micro Devices Corp CM1219-04S7 Datasheet HTML 3Page - California Micro Devices Corp CM1219-04S7 Datasheet HTML 4Page - California Micro Devices Corp CM1219-04S7 Datasheet HTML 5Page - California Micro Devices Corp CM1219-04S7 Datasheet HTML 6Page - California Micro Devices Corp CM1219-04S7 Datasheet HTML 7Page - California Micro Devices Corp CM1219-04S7 Datasheet HTML 8Page - California Micro Devices Corp CM1219-04S7 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
2
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
12/22/04
CM1219
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
PIN DESCRIPTIONS
LEADS
NAME
DESCRIPTION
(Refer to package / pinout diagrams)
CHx
The cathode of the respective TVS diode, which should be
connected to the node requiring transient voltage protection.
(Refer to package / pinout diagrams)
VN
The anode of the TVS diodes.
PACKAGE / PINOUT DIAGRAMS
Note: SOT23, SC70, and SOT143 packages may differ in size. These drawings are not to scale.
3-lead SOT23
CH1
1
2
3
Top View
3-lead SC70
1
2
3
Top View
4-lead SOT143
1
4
2
3
5-lead SOT23
1
2
5
3
4
Top View
5-lead SC70
1
2
5
3
4
Top View
6-lead SC70
1
2
6
5
3
4
6-lead SOT23
1
2
6
5
3
4
Top View
Top View
Top View
CH2
VN
CH1
CH2
VN
CH1
CH2
CH3
CH4
VN
VN
CH1
CH2
CH3
CH4
VN
CH1
CH2
VN
CH3
CH5
CH4
CH1
CH2
VN
CH3
CH5
CH4
VN
CH1
CH2
CH3
PART NUMBERING INFORMATION
Leads
Package
Standard Finish
Lead-free Finish
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
3
SOT23-3
CM1219-02ST
S2
CM1219-02SO
S2R
3
SC70-3
CM1219-02SC
S2
CM1219-02S7
S2R
4
SOT143
CM1219-03SS
S3
CM1219-03SR
S3R
5
SOT23-5
CM1219-04ST
S4
CM1219-04SO
S4R
5
SC70-5
CM1219-04SC
S4
CM1219-04S7
S4R
6
SOT23-6
CM1219-05ST
S5
CM1219-05SO
S5R
6
SC70-6
CM1219-05SC
S5
CM1219-05S7
S5R


Similar Part No. - CM1219-04S7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1219-05SE ONSEMI-CM1219-05SE Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
More results

Similar Description - CM1219-04S7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1248-04QG ONSEMI-CM1248-04QG Datasheet
155Kb / 6P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
logo
California Micro Device...
CM1218 CALMIRCO-CM1218 Datasheet
177Kb / 11P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
CM1249-04S9 ONSEMI-CM1249-04S9 Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors/ESD Protectors
2009 ??Rev. (whole #)
CM1219 ONSEMI-CM1219 Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1248-04S9 ONSEMI-CM1248-04S9 Datasheet
153Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1250-04QG ONSEMI-CM1250-04QG Datasheet
97Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 Rev. 3
CM1218 ONSEMI-CM1218 Datasheet
208Kb / 17P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1218-C4 ONSEMI-CM1218-C4 Datasheet
166Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1248-08DE ONSEMI-CM1248-08DE Datasheet
284Kb / 6P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
logo
California Micro Device...
PACDN042 CALMIRCO-PACDN042 Datasheet
204Kb / 14P
   Transient Voltage Suppressors / ESD Protectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com