Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-315G-IM200 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HDSP-315G-IM200
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-315G-IM200 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HDSP-315G-IM200 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-315G-IM200 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-315G-IM200 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-315G-IM200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-315G-IM200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-315G-IM200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-315G-IM200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-315G-IM200 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-315G-IM200 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Absolute Maximum Ratings
AlGaAs
HER
Red Low
Low
Description
Current
HER
Current
Yellow
Green
Units
Average Power per
37
105
52
80
105
mW
Segment or DP
Peak Forward
45
90[2]
45
60[5]
90[7]
mA
Current per Segment
or DP
DC Forward Current
15[1]
30[3]
15[4]
20[6]
30[8]
mA
per Segment or DP
Operating Tempera-
-20 to 100
-40 to +100
°C
ture Range
Storage Temperature
-40 to +100
°C
Range
Reverse Voltage per
3.0
V
Segment or DP
Wavesoldering
250
°C
Temperature for
3 seconds 1.59 mm.
below body
Notes:
1. Derate above 91
°C at 0.53 mA/°C.
2. See Figure 4 to establish pulsed conditions.
3. Derate above 53
°C at 0.45 mA/°C.
4. Derate above 80
°C at 0.38 mA/°C.
5. See Figure 5 to establish pulsed conditions.
6. Derate above 81
°C at 0.52 mA/°C.
7. See Figure 6 to establish pulsed ocnditions.
8. Derate above 39
°C at 0.37 mA/°C.


Similar Part No. - HDSP-315G-IM200

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315G AVAGO-HDSP-315G Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315G HP-HDSP-315G Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315G AVAGO-HDSP-315G Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
More results

Similar Description - HDSP-315G-IM200

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-301E AVAGO-HDSP-301E_07 Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301 HP-HDSP-301 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315H AVAGO-HDSP-315H_11 Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com