Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

36DY393F040BC2A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 36DY393F040BC2A
Description  Aluminum Capacitors 85 C, Large Can
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36DY393F040BC2A Datasheet(HTML) 5 Page - Vishay Siliconix

  36DY393F040BC2A Datasheet HTML 1Page - Vishay Siliconix 36DY393F040BC2A Datasheet HTML 2Page - Vishay Siliconix 36DY393F040BC2A Datasheet HTML 3Page - Vishay Siliconix 36DY393F040BC2A Datasheet HTML 4Page - Vishay Siliconix 36DY393F040BC2A Datasheet HTML 5Page - Vishay Siliconix 36DY393F040BC2A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 42065
For technical questions contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 25-Apr-05
241
36DY
Aluminum Capacitors
+ 85 °C, Large Can
Vishay Sprague
50 WVDC at + 85 °C, SURGE = 65 V
5600.0
36DY562F050AA2A
1.375 x 2.125 [35.0 x 54.0]
40.0
5.25
8200.0
36DY822F050AM2A
1.375 x 2.625 [35.0 x 67.0]
29.0
6.66
10000.0*
36DY103F050AB2A
1.375 x 3.125 [35.0 x 79.0]
24.0
8.60
47000.0
36DY473F050BF2A
2.000 x 5.625 [51.0 x 143.0]
7.7
22.1
100000.0
36DY104F050DE2A
3.000 x 5.125 [76.0 x 130.0]
4.8
34.2
180000.0
36DY184F050DJ2A
3.000 x 8.625 [76.0 x 219.0]
3.6
48.8
60 WVDC at + 85 °C, SURGE = 75 V
2700.0
36DY272F060AN2A
1.375 x 1.625 [35.0 x 41.0]
69.0
3.62
4700.0
36DY472F060AA2A
1.375 x 2.125 [35.0 x 54.0]
42.0
5.10
8200.0
36DY822F060AB2A
1.375 x 3.125 [35.0 x 79.0]
25.0
7.72
10000.0
36DY103F060AL2A
1.375 x 3.625 [35.0 x 92.0]
22.0
8.75
15000.0
36DY153F060BB2A
2.000 x 3.125 [51.0 x 79.0]
13.9
13.0
22000.0
36DY223F060BL2A
2.000 x 3.625 [51.0 x 92.0]
11.7
15.0
47000.0
36DY473F060CD2A
2.500 x 4.625 [64.0 x 117.0]
6.6
25.1
100000.0
36DY104F060DF2A
3.000 x 5.625 [76.0 x 143.0]
4.5
36.7
75 WVDC at + 85 °C, SURGE = 95 V
1800.0
36DY182F075AN2A
1.375 x 1.625 [35.0 x 41.0]
104.0
2.95
3300.0
36DY332F075AA2A
1.375 x 2.125 [35.0 x 54.0]
62.0
4.19
5600.0
36DY562F075AB2A
1.375 x 3.125 [35.0 x 79.0]
36.0
6.45
6800.0
36DY682F075AL2A
1.375 x 3.625 [35.0 x 92.0]
30.0
7.50
10000.0
36DY103F075AD2A
1.375 x 4.625 [35.0 x 117.0]
24.0
9.26
12000.0
36DY123F075BB2A
2.000 x 3.125 [51.0 x 79.0]
18.8
11.1
18000.0
36DY183F075BC2A
2.000 x 4.125 [51.0 x 105.0]
13.7
14.5
47000.0
36DY473F075CF2A
2.500 x 5.625 [64.0 x 143.0]
6.7
26.9
47000.0
36DY473F075DC2A
3.000 x 4.125 [76.0 x 105.0]
8.9
23.2
120000.0
36DY124F075DJ2A
3.000 x 8.625 [76.0 x 219.0]
5.0
41.5
100 WVDC at + 85 °C, SURGE = 125 V
1800.0
36DY182F100AM2A
1.375 x 2.625 [35.0 x 67.0]
56.0
4.82
4700.0
36DY472F100AC2A
1.375 x 4.125 [35.0 x 105.0]
32.0
7.68
4700.0
36DY472F100BM2A
2.000 x 2.625 [51.0 x 67.0]
30.0
8.29
10000.0
36DY103F100BC2A
2.000 x 4.125 [51.0 x 105.0]
16.3
13.3
10000.0
36DY103F100CB2A
2.500 x 3.125 [64.0 x 79.0]
14.8
14.5
18000.0
36DY183F100DL2A
3.000 x 3.625 [76.0 x 92.0]
11.2
19.7
33000.0
36DY333F100DE2A
3.000 x 5.125 [76.0 x 130.0]
7.9
26.7
150 WVDC at + 85 °C, SURGE = 175 V
2700.0
36DY272F150AF2A
1.375 x 1.625 [35.0 x 41.0]
35.0
6.84
2200.0
36DY222F150BB2A
2.000 x 3.125 [51.0 x 79.0]
57.0
5.22
5600.0
36DY562F150BF2A
2.000 x 5.625 [51.0 x 143.0]
22.0
10.66
10000.0
36DY103F150CF2A
2.500 x 5.625 [64.0 x 143.0]
12.0
16.43
10000.0
36DY103F150DC2A
3.000 x 4.125 [76.0 x 105.0]
17.0
13.68
200 WVDC at + 85 °C, SURGE = 250 V
1000.0
36DY102F200AB2A
1.375 x 1.625 [35.0 x 41.0]
84.0
3.43
1500.0
36DY152F200BM2A
2.000 x 2.625 [51.0 x 67.0]
72.0
4.36
2200.0
36DY222F200BL2A
2.000 x 3.625 [51.0 x 92.0]
49.0
5.97
2700.0
36DY272F200BC2A
2.000 x 4.125 [51.0 x 105.0]
40.0
6.95
3300.0
36DY332F200CB2A
2.500 x 3.125 [64.0 x 79.0]
32.0
8.03
4700.0
36DY472F200CC2A
2.500 x 4.125 [64.0 x 105.0]
22.0
10.73
10000.0
36DY103F200DE2A
3.000 x 5.125 [76.0 x 130.0]
14.0
16.36
* These ratings are normally stocked.
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR at 25 °C
(m
Ω)
MAX. RIPPLE at + 85 °C
(A)
120 HZ
120 HZ


Similar Part No. - 36DY393F040BC2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY393F040BC2A VISHAY-36DY393F040BC2A Datasheet
179Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 29-Aug-08
More results

Similar Description - 36DY393F040BC2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY VISHAY-36DY_08 Datasheet
179Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 29-Aug-08
36DY VISHAY-36DY_13 Datasheet
100Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 18-Mar-13
36DA VISHAY-36DA Datasheet
249Kb / 7P
   Aluminum Capacitors 85 °C and 95 °C, Large Can
Revision: 29-Aug-08
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com