Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3451-01 Datasheet(PDF) 1 Page - Fuji Electric

Part # 2SK3451-01
Description  High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3451-01 Datasheet(HTML) 1 Page - Fuji Electric

  2SK3451-01 Datasheet HTML 1Page - Fuji Electric 2SK3451-01 Datasheet HTML 2Page - Fuji Electric 2SK3451-01 Datasheet HTML 3Page - Fuji Electric 2SK3451-01 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Item
Symbol
Ratings
Unit
Drain-source voltage
VDS
600
Continuous drain current
ID
±13
Pulsed drain current
ID(puls]
±52
Gate-source voltage
VGS
±30
Repetitive or non-repetitive
IAR *2
13
Maximum Avalanche Energy
EAS*1
216.7
Maximum Drain-Source dV/dt
dVDS/dt
20
Peak Diode Recovery dV/dt
dV/dt *3
5
Max. power dissipation
PD
Ta=25°C
2.16
Tc=25°C
80
Operating and storage
Tch
+150
temperature range
Tstg
Isolation Voltage
VISO *4
2
Electrical characteristics (Tc =25°C unless otherwise specified)
Thermalcharacteristics
2SK3451-01MR
FUJI POWER MOSFET200303
N-CHANNEL SILICON POWER MOSFET
Features
High speed switching
Low on-resistance
No secondary breadown
Low driving power
Avalanche-proof
Applications
Switching regulators
UPS (Uninterruptible Power Supply)
DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25°C unless otherwise specified)
Item
Symbol
Test Conditions
Zero gate voltage drain current
IDSS
VDS=600V VGS=0V
VDS=480V VGS=0V
VGS=±30V
ID=6A
VGS=10V
ID=6A
VDS=25V
VCC=300V ID=6A
VGS=10V
RGS=10
Min.
Typ.
Max.
Units
V
V
µA
nA
S
pF
nC
A
V
µs
µC
ns
Min.
Typ.
Max.
Units
Thermal resistance
Rth(ch-c)
channel to case
Rth(ch-a)
channel to ambient
1.56
58.0
°C/W
°C/W
Symbol
V(BR)DSS
VGS(th)
IGSS
RDS(on)
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
QG
QGS
QGD
IAV
VSD
trr
Qrr
Item
Drain-source breakdown voltaget
Gate threshold voltage
Gate-source leakage current
Drain-source on-state resistance
Forward transcondutance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on time ton
Turn-off time toff
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Avalanche capability
Diode forward on-voltage
Reverse recovery time
Reverse recovery charge
Test Conditions
ID=250µA
VGS=0V
ID= 250µA
VDS=VGS
Tch=25°C
Tch=125°C
VDS=0V
VDS=25V
VGS=0V
f=1MHz
VCC=300V
ID=12A
VGS=10V
L=2.36mH Tch=25°C
IF=12A VGS=0V Tch=25°C
IF=12A VGS=0V
-di/dt=100A/µs
Tch=25°C
V
A
A
V
A
mJ
kV/µs
kV/µs
W
°C
°C
kVrms
600
3.0
5.0
25
250
10
100
0.50
0.65
5.5
11
1600
2400
160
240
7
10.5
18
27
16
24
35
50
815
34
51
12.5
19
11.5
17.5
13
1.00
1.50
0.75
6.5
-55 to +150
Outline Drawings [mm]
*3 IF=-ID, -di/dt=50A/µs, Vcc=BVDSS, Tch=150°C *4 t=60sec, f=60Hz
<
<<
Gate(G)
Source(S)
Drain(D)
Super FAP-G Series
TO-220F
Equivalent circuit schematic
*1 L=2.36mH, Vcc=60V, See to Avalanche Energy Graph
*2 Tch=150°C
<


Similar Part No. - 2SK3451-01

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK3451-01MR FUJI-2SK3451-01MR Datasheet
110Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Inchange Semiconductor ...
2SK3451-01MR ISC-2SK3451-01MR Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3451-01

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMD60R900QRH MGCHIP-MMD60R900QRH Datasheet
1Mb / 10P
   Low power loss by high speed switching and low on-resistance
logo
Advanced Power Electron...
AP60N03GJ A-POWER-AP60N03GJ Datasheet
72Kb / 4P
   Low On-Resistance Fast Switching
AP7811GM A-POWER-AP7811GM Datasheet
83Kb / 6P
   Low On-Resistance, Fast Switching
AP60N03GH A-POWER-AP60N03GH Datasheet
67Kb / 4P
   Low On-Resistance Fast Switching
AP4410GM A-POWER-AP4410GM Datasheet
208Kb / 5P
   Low On-Resistance, Fast Switching
AP6910GSM-HF A-POWER-AP6910GSM-HF Datasheet
90Kb / 7P
   Low On-resistance, Fast Switching Characteristic
AP6982GM A-POWER-AP6982GM Datasheet
102Kb / 7P
   Low On-resistance, Fast Switching Characteristic
AP0603GH-HF A-POWER-AP0603GH-HF Datasheet
99Kb / 4P
   Low On-resistance, Fast Switching Characteristic
AP6618GM-HF A-POWER-AP6618GM-HF Datasheet
100Kb / 4P
   Low On-resistance, Fast Switching Characteristic
AP0903GM-HF A-POWER-AP0903GM-HF Datasheet
100Kb / 4P
   Low On-resistance, Fast Switching Characteristic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com