Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

36DY474F015CF2A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 36DY474F015CF2A
Description  Aluminum Capacitors 85 C, Large Can
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36DY474F015CF2A Datasheet(HTML) 3 Page - Vishay Siliconix

  36DY474F015CF2A Datasheet HTML 1Page - Vishay Siliconix 36DY474F015CF2A Datasheet HTML 2Page - Vishay Siliconix 36DY474F015CF2A Datasheet HTML 3Page - Vishay Siliconix 36DY474F015CF2A Datasheet HTML 4Page - Vishay Siliconix 36DY474F015CF2A Datasheet HTML 5Page - Vishay Siliconix 36DY474F015CF2A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 42065
For technical questions contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 25-Apr-05
239
36DY
Aluminum Capacitors
+ 85 °C, Large Can
Vishay Sprague
DIMENSIONS AND AVAILABLE FORMS
D
Nom.
L
Max.
L
Nom.
Vent
+
S
T
M
J
PVC Sleeve
Insulating Disc
D
Max.
M
Screw Insert Terminals
0.035
[0.9]
0.281
[7.1]
C
30
°
A
0.312
[7.9]
0.218
[5.5]
0.125
[3.2]
B
0.250 [6.3]
2 Holes
0.149 [3.8] Dia.
0.750
[19.1]
0.562
[14.3]
0.125
[3.2]
0.187
[4.8]
0.156
[4.0]
0.375 [9.5]
Figure 1
15 °
B
0.281 [7.1]
0.035
[0.9]
2 Holes
0.375 [9.5]
C
30 °
30 °
0.500
[12.7]
0.25 [6.3]
0.406
[10.3]
0.176
[4.5]
0.406 [10.3]
A
1.125
[28.6]
0.750
[19.1]
0.201 [5.1] Dia.
Figure 2
ORDERING EXAMPLE
Electrolytic capacitor 36 DY series
36DY 393 F 6R3 AN 2 A
ELECTRICAL DATA
SYMBOL
DESCRIPTION
µF
rated capacitance
± %
F = - 10 % to + 50 %
DC
voltage rating at 105° C
AN
see dimensions in millimeters table
2
PVC insulating sleeve
A
low insert 10 - 32 screw thread
Large Can Brackets


Similar Part No. - 36DY474F015CF2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY474F015CF2A VISHAY-36DY474F015CF2A Datasheet
179Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 29-Aug-08
More results

Similar Description - 36DY474F015CF2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY VISHAY-36DY_08 Datasheet
179Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 29-Aug-08
36DY VISHAY-36DY_13 Datasheet
100Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 18-Mar-13
36DA VISHAY-36DA Datasheet
249Kb / 7P
   Aluminum Capacitors 85 °C and 95 °C, Large Can
Revision: 29-Aug-08
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com