Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS-MK-X2010 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RS-MK-X2010
Description  High Integrity FM Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RS-MK-X2010 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RS-MK-X2010 Datasheet HTML 1Page - List of Unclassifed Manufacturers RS-MK-X2010 Datasheet HTML 2Page - List of Unclassifed Manufacturers RS-MK-X2010 Datasheet HTML 3Page - List of Unclassifed Manufacturers RS-MK-X2010 Datasheet HTML 4Page - List of Unclassifed Manufacturers RS-MK-X2010 Datasheet HTML 5Page - List of Unclassifed Manufacturers RS-MK-X2010 Datasheet HTML 6Page - List of Unclassifed Manufacturers RS-MK-X2010 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
High Integrity FM Transceiver
RS-MK-X2010
Page 2 of 7
Absolute Maximum Ratings: Receiver
Operating temperature:
-20°C to +55°C
Storage temperature:
-40°C to +100°C
Supply Voltage
6V
Data Input:
Vcc + 0,3v
RF Input
0 dBm
Electrical Characteristics:
Performance data measured at 20°C and +5 volt supply and RF = 434,075 MHz
pin
min.
typ.
max.
units
notes
DC LEVELS
Supply voltage
17
4,5
5
5,5
V
Supply current (receiver enabled)
17
7
mA
Supply current (transmitter enabled)
17
8
mA
Leakege current with Vcc connected
1
uA
Data input/output high
12,14
0,7xVcc
Vcc
V
Data input/output low
12,14
0
0,0xVcc
V
RF
Receiver sensitivity (12 dB SINAD on AF
output)
13
-112
dBm
Image rejection
50
dB
RF power out (transmitter)
1
mW
FM Deviation
+/-10
KHz
Initial frequency accuracy
±100
Hz
Overall frequency accuracy
+/-2
KHz
Max RF input to receiver
0
dBm
E.M.C.
Spurious responses upto 1GHz
<-36
dB
LO leakage, conducted
<60
dBm
LO leakage, radiated
<60
dBm
DYNAMIC TIMING
RX enable to valid RSSI / CD
mS
RX enable to stable receiver data out
5
mS
TX enable to full RF out
5
mS
Minimum data pulse width
50
uS
Data Bit rate
50
20000
bps
2
Notes
1)
Over full operating temperature range
2)
1 Hz = 2 bps


Similar Part No. - RS-MK-X2010

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RS-01 DBLECTRO-RS-01 Datasheet
291Kb / 2P
   SLIDE TYPE DIP SWITCH
RS-01-B-T DBLECTRO-RS-01-B-T Datasheet
291Kb / 2P
   SLIDE TYPE DIP SWITCH
RS-01-K-T DBLECTRO-RS-01-K-T Datasheet
291Kb / 2P
   SLIDE TYPE DIP SWITCH
RS-01-R-T DBLECTRO-RS-01-R-T Datasheet
291Kb / 2P
   SLIDE TYPE DIP SWITCH
RS-02-B-T DBLECTRO-RS-02-B-T Datasheet
291Kb / 2P
   SLIDE TYPE DIP SWITCH
More results

Similar Description - RS-MK-X2010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WP-MKX2010 ETC1-WP-MKX2010 Datasheet
163Kb / 7P
   High Integrity FM Transceiver
logo
Intel Corporation
LXT9784 INTEL-LXT9784 Datasheet
191Kb / 14P
   Transceiver Hardware Integrity Function Overview
logo
List of Unclassifed Man...
TR5100 ETC1-TR5100 Datasheet
115Kb / 9P
   FM Transceiver IC
BIM2-433-64 ETC1-BIM2-433-64 Datasheet
356Kb / 7P
   433MHz high speed FM radio transceiver module
BIM2-433-160 ETC2-BIM2-433-160 Datasheet
561Kb / 11P
   433MHz high speed FM radio transceiver module
logo
Radiometrix Ltd
BIM2 RADIOMETRIX-BIM2 Datasheet
561Kb / 11P
   433MHz high speed FM radio transceiver module
logo
List of Unclassifed Man...
MXR-505 ETC2-MXR-505 Datasheet
176Kb / 10P
   UHF FM TRANSCEIVER MODULE
logo
Melexis Microelectronic...
TH71221 MELEXIS-TH71221_15 Datasheet
2Mb / 44P
   FSK/FM/ASK Transceiver
logo
Yaesu USA.
HX40 STANDARDHORIZON-HX40 Datasheet
5Mb / 52P
   VHF FM Marine Transceiver
logo
Radiometrix Ltd
BIM3A RADIOMETRIX-BIM3A Datasheet
195Kb / 11P
   869/914MHz high speed FM radio transceiver module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com