Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT49H16M18 Datasheet(PDF) 7 Page - Micron Technology

Part # MT49H16M18
Description  288Mb CIO Reduced Latency
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT49H16M18 Datasheet(HTML) 7 Page - Micron Technology

Back Button MT49H16M18 Datasheet HTML 3Page - Micron Technology MT49H16M18 Datasheet HTML 4Page - Micron Technology MT49H16M18 Datasheet HTML 5Page - Micron Technology MT49H16M18 Datasheet HTML 6Page - Micron Technology MT49H16M18 Datasheet HTML 7Page - Micron Technology MT49H16M18 Datasheet HTML 8Page - Micron Technology MT49H16M18 Datasheet HTML 9Page - Micron Technology MT49H16M18 Datasheet HTML 10Page - Micron Technology MT49H16M18 Datasheet HTML 11Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
PDF: 09005aef80a41b46/Source: 09005aef809f284b
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT49H8M36_2.fm - Rev. H 8/05 EN
7
©2002 Micron Technology, Inc. All rights reserved.
288Mb: x36, x18, x9 2.5V VEXT, 1.8V VDD, HSTL, RLDRAM II
Ball Assignment and Description
Ball Assignment and Description
Table 2:
8 Meg x 36 Ball Assignment (Top View) 144-Ball µBGA
Notes: 1. Reserved for future use. This may optionally be connected to GND.
2. Reserved for future use. This signal is internally connected and has parasitic characteristics
of an address input signal. This may optionally be connected to GND.
1
2
3
4
5
6
7
8
9
10
11
12
A
VREF
VSS
VEXT
VSS
VSS
VEXT
TMS
TCK
B
VDD
DQ8
DQ9
VSSQVSSQ
DQ1
DQ0
VDD
C
VTT
DQ10
DQ11
VDDQVDDQ
DQ3
DQ2
VTT
D
(A22)1
DQ12
DQ13
VSSQVSSQ
QK0#
QK0
VSS
E
(A21)2
DQ14
DQ15
VDDQVDDQ
DQ5
DQ4
(A20)2
F
A5
DQ16
DQ17
VSSQVSSQ
DQ7
DQ6
QVLD
G
A8
A6
A7
VDD
VDD
A2
A1
A0
H
B2
A9
VSS
VSS
VSS
VSS
A4
A3
J
DK0
DK0#
VDD
VDD
VDD
VDD
B0
CK
K
DK1
DK1#
VDD
VDD
VDD
VDD
B1
CK#
L
REF#
CS#
VSS
VSS
VSS
VSS
A14
A13
M
WE#
A16
A17
VDD
VDD
A12
A11
A10
N
A18
DQ24
DQ25
VSSQVSSQ
DQ35
DQ34
(A19)2
P
A15
DQ22
DQ23
VDDQVDDQ
DQ33
DQ32
DM
R
VSS
QK1
QK1#
VSSQVSSQ
DQ31
DQ30
VSS
T
VTT
DQ20
DQ21
VDDQVDDQ
DQ29
DQ28
VTT
U
VDD
DQ18
DQ19
VSSQVSSQ
DQ27
DQ26
VDD
V
VREF
ZQ
VEXT
VSS
VSS
VEXT
TDO
TDI


Similar Part No. - MT49H16M18

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT49H16M18 MICRON-MT49H16M18 Datasheet
2Mb / 76P
   288Mb: x9, x18, x36 2.5V VEXT, 1.8V VDD, HSTL, CIO, RLDRAM II
MT49H16M18C MICRON-MT49H16M18C Datasheet
1Mb / 44P
   288Mb SIO REDUCED LATENCY(RLDRAM II)
MT49H16M18CFM-XX MICRON-MT49H16M18CFM-XX Datasheet
1Mb / 44P
   288Mb SIO REDUCED LATENCY(RLDRAM II)
More results

Similar Description - MT49H16M18

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT49H16M18C MICRON-MT49H16M18C Datasheet
1Mb / 44P
   288Mb SIO REDUCED LATENCY(RLDRAM II)
MT49H8M32 MICRON-MT49H8M32 Datasheet
652Kb / 43P
   REDUCED LATENCY DRAM RLDRAM
logo
GSI Technology
GS4288C09 GSI-GS4288C09 Datasheet
2Mb / 62P
   32M x 9, 16M x 18, 8M x 36 288Mb CIO Low Latency DRAM (LLDRAM) II
GS4576C36GL-25I GSI-GS4576C36GL-25I Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
logo
Infineon Technologies A...
HYB18RL25632AC INFINEON-HYB18RL25632AC Datasheet
941Kb / 37P
   256 Mbit DDR Reduced Latency DRAM
V1.60 July 2003
logo
Micron Technology
MT49H32M9 MICRON-MT49H32M9 Datasheet
2Mb / 76P
   288Mb: x9, x18, x36 2.5V VEXT, 1.8V VDD, HSTL, CIO, RLDRAM II
logo
GSI Technology
GS4576C09 GSI-GS4576C09 Datasheet
2Mb / 62P
   64M x 9, 32M x 18, 16M x 36 576Mb CIO Low Latency DRAM (LLDRAM II)
GS82582D38GE-400 GSI-GS82582D38GE-400 Datasheet
453Kb / 27P
   288Mb SigmaQuad-II 288Mb SigmaQuad-II
logo
Zilog, Inc.
Z8036 ZILOG-Z8036 Datasheet
3Mb / 79P
   Z-CIO AND CIO COUNTER / TIMER AND PARALLRL I/O UNIT
logo
Samsung semiconductor
K4C89183AF SAMSUNG-K4C89183AF Datasheet
1Mb / 55P
   288Mb x18 Network-DRAM2 Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com