Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT49H8M36 Datasheet(PDF) 11 Page - Micron Technology

Part # MT49H8M36
Description  288Mb CIO Reduced Latency
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT49H8M36 Datasheet(HTML) 11 Page - Micron Technology

Back Button MT49H8M36 Datasheet HTML 7Page - Micron Technology MT49H8M36 Datasheet HTML 8Page - Micron Technology MT49H8M36 Datasheet HTML 9Page - Micron Technology MT49H8M36 Datasheet HTML 10Page - Micron Technology MT49H8M36 Datasheet HTML 11Page - Micron Technology MT49H8M36 Datasheet HTML 12Page - Micron Technology MT49H8M36 Datasheet HTML 13Page - Micron Technology MT49H8M36 Datasheet HTML 14Page - Micron Technology MT49H8M36 Datasheet HTML 15Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
PDF: 09005aef80a41b46/Source: 09005aef809f284b
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT49H8M36_2.fm - Rev. H 8/05 EN
11
©2002 Micron Technology, Inc. All rights reserved.
288Mb: x36, x18, x9 2.5V VEXT, 1.8V VDD, HSTL, RLDRAM II
Commands
Commands
According to the functional signal description, the following command sequences are
possible. All input states or sequences not shown are illegal or reserved. All command
and address inputs must meet setup and hold times around the rising edge of CK.
Notes: 1. X = “Don’t Care”
H = logic HIGH
L = logic LOW
A = valid address
BA = valid bank address.
2. Only A(17:0) are used for the MRS command.
3. See Table 6.
VDDQ
Supply
DQ power supply: Nominally, 1.5V or 1.8V. Isolated on the device for improved noise
immunity. See Table 22 on page 44 for range.
VSS
Supply
Ground.
VSSQ
Supply
DQ ground: Isolated on the device for improved noise immunity.
VTT
Supply
Power supply: Isolated termination supply. Nominally, VDDQ/2. See Table 22 on page 44 for
range.
NF
No function: These balls may be connected to ground.
DNU
Do not use: These balls may be connected to ground.
Table 6:
Address Widths at Different Burst Lengths
Burst Length
Configuration
x36
x18
x9
BL = 2
18:0
19:0
20:0
BL = 4
17:0
18:0
19:0
BL = 8
NA
17:0
18:0
Table 7:
Command Table
Note 1
Operation
Code
CS#
WE#
REF#
A[20:0]
B[2:0]
Notes
Device DESELECT/No Operation
DESEL/NOP
H
XXXX
MRS: Mode Register Set
MRS
LLL
OPCODE
X
2
READ
READ
L
H
H
A
BA
3
WRITE
WRITE
L
L
H
A
BA
3
AUTO REFRESH
AREF
L
H
L
X
BA
Table 5:
Ball Descriptions (continued)
Symbol
Type
Description


Similar Part No. - MT49H8M36

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT49H8M36 MICRON-MT49H8M36 Datasheet
2Mb / 76P
   288Mb: x9, x18, x36 2.5V VEXT, 1.8V VDD, HSTL, CIO, RLDRAM II
More results

Similar Description - MT49H8M36

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT49H16M18C MICRON-MT49H16M18C Datasheet
1Mb / 44P
   288Mb SIO REDUCED LATENCY(RLDRAM II)
MT49H8M32 MICRON-MT49H8M32 Datasheet
652Kb / 43P
   REDUCED LATENCY DRAM RLDRAM
logo
GSI Technology
GS4288C09 GSI-GS4288C09 Datasheet
2Mb / 62P
   32M x 9, 16M x 18, 8M x 36 288Mb CIO Low Latency DRAM (LLDRAM) II
GS4576C36GL-25I GSI-GS4576C36GL-25I Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
logo
Infineon Technologies A...
HYB18RL25632AC INFINEON-HYB18RL25632AC Datasheet
941Kb / 37P
   256 Mbit DDR Reduced Latency DRAM
V1.60 July 2003
logo
Micron Technology
MT49H32M9 MICRON-MT49H32M9 Datasheet
2Mb / 76P
   288Mb: x9, x18, x36 2.5V VEXT, 1.8V VDD, HSTL, CIO, RLDRAM II
logo
GSI Technology
GS4576C09 GSI-GS4576C09 Datasheet
2Mb / 62P
   64M x 9, 32M x 18, 16M x 36 576Mb CIO Low Latency DRAM (LLDRAM II)
GS82582D38GE-400 GSI-GS82582D38GE-400 Datasheet
453Kb / 27P
   288Mb SigmaQuad-II 288Mb SigmaQuad-II
logo
Zilog, Inc.
Z8036 ZILOG-Z8036 Datasheet
3Mb / 79P
   Z-CIO AND CIO COUNTER / TIMER AND PARALLRL I/O UNIT
logo
Samsung semiconductor
K4C89183AF SAMSUNG-K4C89183AF Datasheet
1Mb / 55P
   288Mb x18 Network-DRAM2 Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com