Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMP374P6453BT1-C1H Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AMP374P6453BT1-C1H
Description  64M X 72 SDRAM DIMM with ECC based on 32M X 8, 4 Banks, 8K REFRESH, 3.3V Synchronous DRAMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMP374P6453BT1-C1H Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AMP374P6453BT1-C1H Datasheet HTML 1Page - List of Unclassifed Manufacturers AMP374P6453BT1-C1H Datasheet HTML 2Page - List of Unclassifed Manufacturers AMP374P6453BT1-C1H Datasheet HTML 3Page - List of Unclassifed Manufacturers AMP374P6453BT1-C1H Datasheet HTML 4Page - List of Unclassifed Manufacturers AMP374P6453BT1-C1H Datasheet HTML 5Page - List of Unclassifed Manufacturers AMP374P6453BT1-C1H Datasheet HTML 6Page - List of Unclassifed Manufacturers AMP374P6453BT1-C1H Datasheet HTML 7Page - List of Unclassifed Manufacturers AMP374P6453BT1-C1H Datasheet HTML 8Page - List of Unclassifed Manufacturers AMP374P6453BT1-C1H Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AMP374P6453BT1-C1H/S
64M X 72 SDRAM DIMM with ECC based on 32M X 8, 4 Banks, 8K REFRESH, 3.3V Synchronous DRAMs WITH SPD
Revision: 1.1
Revision Date: 11/2000
Document Number: 65830
Page Number: 5 of 12
AVED MEMORY PRODUCTS
Where Quality & Memory Merge
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted) T A = 0 to 70ºC
Symbol
Test Condition
Version
-1H
Unit
ICC1*
Burst Length = 1
tRC
≥ tRC (min)
1,260
mA
IOL = 0mA
ICC2P
CKE
VIL (max), tCC = 10ns
36
mA
ICC2PS
CKE & CLK
VIL (max), tCC = ∞
36
ICC2N
CKE
≥ VIH (min), CS ≥ VIH (min), tCC = 10ns
Input signals are changed one time during 20ns
288
mA
ICC2NS
CKE
≥ VIH (min), CLKVIL (max), tCC = ∞
Input signals are stable
252
ICC3P
CKE
VIL (max), tCC = 10ns
108
mA
ICC3PS
CKE & CLK
VIL(max), tCC = ∞
108
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
540
mA
ICC3NS
CKE
≥ VIH(min), CLKVIL(max), tCC = ∞
Input signals are stable
450
ICC4
IOL = 0mA
mA
Page Burst
1,305
4 Banks activated
tCCD = 2CLKS
ICC5
tRC
≥ tRC (min)
2,070
mA
ICC6
CKE
0.2V
90
mA
ICC1:
Operating Current (one bank active)
ICC2P:
Precharge Standby Current in power-down mode
ICC2PS:
Precharge Standby Current in power-down mode.
ICC2N:
Precharge Standby Current in non power-down mode.
ICC2NS:
Precharge Standby Current in non power-down mode.
ICC3P:
Active Standby Current in power-down mode.
ICC3PS:
Active Standby Current in power-down mode.
ICC3N:
Active Standby Current in non power-down mode (One Bank Active).
ICC3NS:
Active Standby Current in non power-down mode (One Bank Active).
ICC4:
Operating Current (Burst Mode)
ICC5
Refresh Current
ICC6:
Self Refresh Current
Notes:
1. Measured with outputs open.
2. Refresh period is 64ms.
3. Unless otherwise noted, input swing level is CMOS(VIH/VIL=VDDQ/VSSQ).


Similar Part No. - AMP374P6453BT1-C1H

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP3001-01 ASTRODYNE-AMP3001-01 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP3001-02 ASTRODYNE-AMP3001-02 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP3001-03 ASTRODYNE-AMP3001-03 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP3001-04 ASTRODYNE-AMP3001-04 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
More results

Similar Description - AMP374P6453BT1-C1H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM372F3280CS1 SAMSUNG-KMM372F3280CS1 Datasheet
506Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CS1 SAMSUNG-KMM372V3200CS1 Datasheet
457Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CK4 SAMSUNG-KMM372V3200CK4 Datasheet
458Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372F3280BS1 SAMSUNG-KMM372F3280BS1 Datasheet
493Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
M374F3200DJ1-C SAMSUNG-M374F3200DJ1-C Datasheet
510Kb / 20P
   32M x 72 DRAM DIMM with ECC Using 16Mx4, 4K & 8K Refresh, 3.3V
KMM372V3200BS1 SAMSUNG-KMM372V3200BS1 Datasheet
439Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
M372F3200DJ3-C SAMSUNG-M372F3200DJ3-C Datasheet
508Kb / 20P
   32M x 72 DRAM DIMM with ECC Using 16Mx4, 4K & 8K Refresh, 3.3V
M366S3253DTS SAMSUNG-M366S3253DTS Datasheet
159Kb / 11P
   32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3253BTS SAMSUNG-M366S3253BTS Datasheet
167Kb / 10P
   32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3253CTS SAMSUNG-M366S3253CTS Datasheet
159Kb / 11P
   32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com