Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA2753GR Datasheet(PDF) 3 Page - NEC

Part # UPA2753GR
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA2753GR Datasheet(HTML) 3 Page - NEC

  UPA2753GR Datasheet HTML 1Page - NEC UPA2753GR Datasheet HTML 2Page - NEC UPA2753GR Datasheet HTML 3Page - NEC UPA2753GR Datasheet HTML 4Page - NEC UPA2753GR Datasheet HTML 5Page - NEC UPA2753GR Datasheet HTML 6Page - NEC UPA2753GR Datasheet HTML 7Page - NEC UPA2753GR Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet G15782EJ1V0DS
3
µµµµPA2753GR
TYPICAL CHARACTERISTICS (TA = 25°C)
FORWARD TRANSFER CHARACTERISTICS
VGS
- Gate to Source Voltage - V
0.1
0.01
1
2345
0
1
10
100
Pulsed
VDS = 10 V
TA = 150˚C
TA = 75˚C
TA = 25˚C
TA =
−25˚C
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0
1.2
1.4
10
0.4
0.2
0.6
0.8
1
Pulsed
0
5
20
30
35
40
25
VGS = 10 V
VGS = 4.0 V
VGS = 4.5 V
15
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - rain Current - A
VDS = 10 V
Pulsed
1
10
100
0.1
0.01
0.1
1
10
100
TA = 75˚C
TA = 150˚C
TA =
−25˚C
TA = 25˚C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
10
10
15
20
Pulsed
0
5
70
100
60
0
80
50
40
30
20
90
ID = 4.0 A
ID = 8.0 A
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
1
10
100
20
0
0.1
40
60
80
100
VGS = 10 V
VGS = 4.5 V
VGS = 4.0 V
Pulsed
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
− 50
0
150
50
100
0
0.5
1
1.5
2
2.5
3
VDS = 10 V
ID = 1 mA


Similar Part No. - UPA2753GR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2753GR RENESAS-UPA2753GR Datasheet
295Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Similar Description - UPA2753GR

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com